データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZSR126 データシート(PDF) 1 Page - American Zettler, Inc.

部品番号 AZSR126
部品情報  26 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZETTLER [American Zettler, Inc.]
ホームページ  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZSR126 データシート(HTML) 1 Page - American Zettler, Inc.

  AZSR126 Datasheet HTML 1Page - American Zettler, Inc. AZSR126 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZSR126
26 AMP MINIATURE
POWER RELAY
FEATURES
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 8587VA
Max. switched current: 31A
Max. switched voltage: 277 VAC
Rated Load
UL
VDE
26A at 277 VAC, resistive, 75°C, 50k cycles
26A at 250 VAC, resistive, 75°C, 50k cycles
22A at 277 VAC, resistive, 85°C, 100k cycles
22A at 250 VAC, resistive, 85°C, 100k cycles
31A at 277 VAC, cos phi 0.8, 85°C, 50k cycles *
31A at 250 VAC, cos phi 0.8, 85°C, 50k cycles *
26A at 277 VAC, resistive, 85°C, 50k cycles
26A at 250 VAC, resistive, 85°C, 50k cycles
22A at 277 VAC, resistive, 85°C, 100k cycles
22A at 250 VAC, resistive, 85°C, 100k cycles
* duty factor: 0.1 seconds on / 10 seconds off
Material
Resistance
Silver tin oxide
< 100 milliohms initially
(at 6V, 1A, voltage drop method)
CONTACTS
Life Expectancy
Mechanical
Electrical
Minimum operations
2 x 105
5 x 104 at 26A 250 VAC Res.
Operate Time
Release Time
20ms max. at nominal coil voltage
10ms max. at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
4500Vrms coil to contact
2500Vrms between open contacts
Insulation Resistance
1000 megaohms min. at 20°C,
500 VDC 50% RH
Holding Voltage
Greater than 35% of nominal coil voltage
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
Storage
at nominal coil voltage
-40°C (-40°F) to 60°C (140°F)
at max. 80% of nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
-40°C (-40°F) to 105°C (221°F)
Vibration
Shock
Enclosure
Terminals
Max. Solder Temp.
1.5mm DA at 10-55 Hz
20 g
P.B.T. polyester
Tinned copper alloy, P.C.
260°C (500°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
25 grams
GENERAL DATA
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
690mW
2.0W at 20°C (68°F) ambient
90°C (194°F) at nominal coil voltage
Temperature
Max. 155°C (311°F)
COIL
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
NOTES
• Dielectric strength 4500Vrms
• 31 Amp switching
• Contact gap > 1.8mm
• Clearance / creepage > 6.4 / 7.5mm
• UL, CUR E44211
• VDE pending
8/17/15


同様の部品番号 - AZSR126

メーカー部品番号データシート部品情報
logo
ZETTLER Electronics
AZSR126 ZETTLER-AZSR126 Datasheet
57Kb / 2P
   26 AMP MINIATURE POWER RELAY
AZSR126-1AE-12D ZETTLER-AZSR126-1AE-12D Datasheet
57Kb / 2P
   26 AMP MINIATURE POWER RELAY
AZSR126-1AE-18D ZETTLER-AZSR126-1AE-18D Datasheet
57Kb / 2P
   26 AMP MINIATURE POWER RELAY
AZSR126-1AE-24D ZETTLER-AZSR126-1AE-24D Datasheet
57Kb / 2P
   26 AMP MINIATURE POWER RELAY
AZSR126-1AE-9D ZETTLER-AZSR126-1AE-9D Datasheet
57Kb / 2P
   26 AMP MINIATURE POWER RELAY
More results

同様の説明 - AZSR126

メーカー部品番号データシート部品情報
logo
ZETTLER Electronics
AZSR126 ZETTLER-AZSR126 Datasheet
57Kb / 2P
   26 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ2150W ZETTLER-AZ2150W Datasheet
532Kb / 3P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ769 AZETTLER-AZ769 Datasheet
92Kb / 2P
   25 AMP MINIATURE POWER RELAY
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com