データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB020N03KN6-0-T1-G データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTB020N03KN6-0-T1-G
部品情報  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KN6-0-T1-G データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTB020N03KN6-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KN6-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143N6
Issued Date : 2016.01.06
Revised Date : 2016.02.22
Page No. : 2/9
MTB020N03KN6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
TC=25
°C
8.8
TC=70
°C
7.0
TA=25
°C (Note 1)
7
Continuous Drain Current
TA=70
°C (Note 1)
ID
5.6
Pulsed Drain Current (Note 2, 3)
IDM
40
A
TC=25
°C
3.1
TC=70
°C
2
TA=25
°C
2
Total Power Dissipation
TA=70
°C
PD
1.25
W
Operating Junction Temperature and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
40
Thermal Resistance, Junction-to-ambient, max (Note 1)
RθJA
62.5
°C/W
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec. 156 /W when mounted on minimum copper pad.
2.Pulse width limited by maximum junction temperature.
3.Pulse Width
≤300μs, Duty Cycle≤2%
Electrical Characteristics (Ta=25
°C, unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
V
VGS=0V, ID=250μA
ΔBVDSS/ΔTj
-
0.02
-
V/℃
Reference to 25 , I
D
=250μA
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±10
VGS=±16V, VDS=0V
-
-
1
VDS=30V, VGS=0V, Tj=25℃
IDSS
-
-
5
μA
VDS=24V, VGS=0V, Tj=55℃
-
14.7
19
ID=7A, VGS=10V
*RDS(ON)
-
18.9
25
m
Ω
ID=5A, VGS=4.5V
*GFS
-
6
-
S
VDS=5V, ID=5A
Dynamic
Ciss
-
450
-
Coss
-
79
-
Crss
-
60
-
pF
VDS=15V, VGS=0V, f=1MHz


同様の部品番号 - MTB020N03KN6-0-T1-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KN3-0-T1-G CYSTEKEC-MTB020N03KN3-0-T1-G Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

同様の説明 - MTB020N03KN6-0-T1-G

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com