データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS45SL2GA330JAGKA データシート(PDF) 3 Page - TDK Electronics

部品番号 CS45SL2GA330JAGKA
部品情報  High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

CS45SL2GA330JAGKA データシート(HTML) 3 Page - TDK Electronics

  CS45SL2GA330JAGKA Datasheet HTML 1Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 2Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 3Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 4Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 5Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 6Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 7Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 8Page - TDK Electronics CS45SL2GA330JAGKA Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
20160219 / leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Disc Type Capacitors with Lead
High Voltage Ceramic Capacitors, Automotive Grade, Safety Standard Approved
FEATURES
AEC-Q200 compliant.
1,000 cycles guaranteed under heat shock testing at –55°C to +125°C.
It can be used as a Y capacitor for battery chargers used in automobiles (EV, PHEV).
Compliant with IEC and the safety standards of various countries.
Rated at a withstand voltage of AC.2600V.
These products shall conform to RoHS Directive due to lead(Pb) free of lead wire and internal solder material.
Compatible with halogen-free external resin coating.
APPLICATION
For use in Y capacitor for battery chargers or air-conditioners used in automobiles.
PART NUMBER CONSTRUCTION
Please refer to P-6~8 about the product dimensions.
OPERATING TEMPERATURE RANGE
The maximum operating temperature of 125°C includes capacitor self-generated heat of up to 20°C.
The storage temperature range applies to after MLCC is mounted on board.
Overview of CS Series
CS
80
ZU
2GA
222
M
A
KA
Series
name
Type
Temperature
characteristics
Rated voltage
Nominal
capacitance
Capacitance
tolerance
Grade
classification
Lead type
Application
classification
Internal code
45
SL
+350 to
–1000ppm/°C
2GA
X1:440V
Y2:300V
100
10pF
J
±5%
A
For use in
automobiles
G Long lead
K
Safety
standard
A Halogen-free
65
221
220pF
K
±10%
N Short lead
70
B
±10%
472 4,700pF
M
±20%
V
Taping
75
ZU
(Z5U)
+22, -56%
80
85
95
11
Capacitance temperature
characteristics
Temperature range
Operating temperature
(°C)
Storage temperature
(°C)
SL
–25 to +125
–25 to +125
B
–25 to +125
–25 to +125
Z5U
–25 to +125
–25 to +125
Product compatible with RoHS directive
Halogen-free
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


同様の部品番号 - CS45SL2GA330JAGKA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CS45SL2GA330JAGKA TDK-CS45SL2GA330JAGKA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

同様の説明 - CS45SL2GA330JAGKA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Vishay Siliconix
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com