データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS45SL2GA470J-GKA データシート(PDF) 8 Page - TDK Electronics

部品番号 CS45SL2GA470J-GKA
部品情報  High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

CS45SL2GA470J-GKA データシート(HTML) 8 Page - TDK Electronics

Back Button CS45SL2GA470J-GKA Datasheet HTML 2Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 3Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 4Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 5Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 6Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 7Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 8Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 9Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(8/10)
20160219 / leaddisc_commercial_cs45_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
CS45 Type
CAPACITANCE AND DIMENSIONS
Temperature Characteristics: E (+20, –55%)
Rated Voltage Eac: X1:440V, Y2:300V
* The part numbers are TDK’s standard specification products.
The " □ " of the Part Number contains the lead type, G, N or V. Please refer to the details of each shape is shown below.
• Please refer to P-10 about the taping dimemsions.
LIST OF STANDARD LEAD SHAPES
Dimemsions in mm
• TDK’s standard product is vertical kink.
• TDK’s recommendation is short lead type with the symbol N for bulk products.
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
The expression has become simplified due to a revision in the standards.
Capacitance
(pF)
Capacitance
tolerance
Dimensions (mm)
Part No.
D max.
T max.
F
(Applied to bulk)
F
(Applied to taping)
d
1,000
±20%
6.5
5.0
7.5±1.5
7.5±0.8
0.6±0.05
CS45-E2GA102M-
□KA
1,500
±20%
7.5
5.0
7.5±1.5
7.5±0.8
0.6±0.05
CS45-E2GA152M-
□KA
2,200
±20%
8.0
5.0
7.5±1.5
7.5±0.8
0.6±0.05
CS45-E2GA222M-
□KA
3,300
±20%
10.0
5.0
7.5±1.5
7.5±0.8
0.6±0.05
CS45-E2GA332M-
□KA
4,700
±20%
11.0
5.0
7.5±1.5
7.5±0.8
0.6±0.05
CS45-E2GA472M-
□KA
Symbol G
Bulk/Long lead
Symbol N
Bulk/Short lead
Symbol V
Taping
Vertical kink
Item
Markings
Specifications
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. TDK’s logogram
6. Date code
CS
102
M
440
∼X1
300
∼Y2
54
CS45 series
1000pF
±20%
X1: AC.440V
Y2: AC.300V
Production base code
2015.4
D
F
d
T
D
T
F
d
D
T
F
d
CS
102M
54
(Marking position is reference.)
Front
Back


同様の部品番号 - CS45SL2GA470J-GKA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CS45SL2GA470JAGKA TDK-CS45SL2GA470JAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS45SL2GA470JAGKA TDK-CS45SL2GA470JAGKA Datasheet
123Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CS45SL2GA470JANKA TDK-CS45SL2GA470JANKA Datasheet
123Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CS45SL2GA470JAVKA TDK-CS45SL2GA470JAVKA Datasheet
123Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

同様の説明 - CS45SL2GA470J-GKA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Vishay Siliconix
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com