データシートサーチシステム |
|
SS52 データシート(PDF) 1 Page - Nanjing International Group Co |
|
SS52 データシート(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page S5 2 S 5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) Operating Storage Temperature Range TSTG Temperature Range Tj 5.0 150 0.2 20 10 -65 +125 -65 +150 -65 +150 V V V A V mA mA pF C C C NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.093 grams SS52 THRU SS520 VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere UNITS V Typical Thermal Resistance RqJA (Note 2) /W S S52 S S54 SS56 S S58 S S510 S 15 S 5 0 20 40 60 80 100 150 200 14 2 8 42 56 70 105 140 0.55 0.70 0.85 380 20 40 60 80 100 150 200 Dimensions in inches and (millimeters) * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request DO-214AC .208(5.28) .194(4.93) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .090(2.29) .078(1.98) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) MAX. |
同様の部品番号 - SS52 |
|
同様の説明 - SS52 |