データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV003 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 MTV003
部品情報  Microprocessor Compatible Monitor Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MTV003 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MTV003 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV003 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MYSON
TECHNOLOGY
MTV003N
(MTV003)
MTV003 Revision 2.3 07/01/1998
10/13
7.0 SWITCHING CHARACTERISTICS (Under Operating Conditions and X1=8MHz)
Symbol
Parameter
Min.
Typ.
Max.
Unit
fDAO
D/A Converter Output
Frequency
-
31.25
-
KHz
fXTAL
Crystal Frequency
-
8
-
MHz
fHS
HS Input Frequency
15
-
100
KHz
fVS
VS Input Frequency
20
-
100
Hz
tHIPW
HS Input Pulse Width
0.5
-
6.5
us
tVIPW
VS Input Pulse Width
25
-
2000
us
HSYNC (Rise) to HBLANK
Output Delay
(programmed by Reg6)
300
(N+1)xT+500
64xT+850
ns
tHHBD
HSYNC (Rise) to HBLANK
Output Delay
(bypass HSYNC to HBLANK
Output directly)
-
-
50
ns
HBLANK Output Width
(programmed by Reg7)
300
(N+1)xT+500
64xT+850
ns
tHBW
HBLANK Output Width
(bypass HSYNC to HBLANK
Output directly)
0.5
-
7
us
tHHBJ
HSYNC to HBLANK Output
Jitter
-
-
(+/-) 25
ns
VBLANK Output Width
(programmed by Reg9)
16
(Nx16)+8
1016
us
tVBW
VBLANK Output Width
(bypass VSVNC to VBLANK
Output directly)
25
-
2000
us
tHVBD
HSYNC to VBLANK Output
Delay
(H/V mode)
-1 H-line
-
-
tVVBD
VS to VBLANK Output Delay
(H+V mode)
-
-
50
ns
tVVBJ
VSYNC to VBLANK Output
Jitter(H+V mode)
-
-
(+/-) 25
ns
tHVBJ
HSYNC to VBLANK Output
Jitter (H/V mode)
-
-
(+/-) 25
ns
tCDSU
CMDB to DCK Setup Time
200
-
-
ns
tCDH
CMDB to DCK Hold Time
100
-
-
ns
tDDSU
DIO to DCK Setup
Time (write)
200
-
-
ns
tDDH
DIO to DCK Hold Time(write)
100
-
-
ns
tDCKH
DCK High Time
200
-
-
ns
tDCKL
DCK Low Time
200
-
-
ns
TDDD
DCK to DIO Delay Time(read)
100
-
-
ns
* 1. The above HSYNC is extracted from HS input and VSYNC is extracted from VS, HS input.
* 2. T = 250ns (1/4MHz) is fixed regardless of whether or not an 8(or 4)MHz crystal is used.
* 3. 0 < N < 63


同様の部品番号 - MTV003

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV004 ETC-MTV004 Datasheet
88Kb / 9P
   On-Screen Display Shrink Version
More results

同様の説明 - MTV003

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com