データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX56 データシート(PDF) 2 Page - Nanjing International Group Co

部品番号 BCX56
部品情報  Low Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCX56 データシート(HTML) 2 Page - Nanjing International Group Co

  BCX56 Datasheet HTML 1Page - Nanjing International Group Co BCX56 Datasheet HTML 2Page - Nanjing International Group Co BCX56 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A,Nov,2010
Parameter
Symbol
T est
conditions
Min
Typ
Max
Unit
BCX54
45
BCX55
60
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
BCX56
100
V
BCX54
45
BCX55
60
Collector-emitter breakdown voltage
V(BR)CEO*
IC=1
0mA,IB=0
BCX56
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
hFE(1)*
VCE=2V, IC=5mA
40
hFE(2)*
VCE=2V, IC=150mA
63
250
DC current gain
hFE(3)*
VCE=2V, IC=0.5A
25
Collector-emitter saturation voltage
VCE(sat)*
IC=0.5A,IB=50mA
0.5
V
Base -emitter voltage
VBE*
VCE=2V, IC=0.5A
1
V
Transition frequency
fT
VCE=5V,IC=10mA, f=100MHz
130
MHz
CLASSIFICATION OF hFE(2)
RANK
BCX54
BCX55
BCX56
BCX54-10
BCX55-10
BCX56-10
BCX54-16
BCX55-16
BCX56-16
RANGE
63–250
63–160
100–250
ELECTRICAL CHARACTERISTICS (Ta=25 unless otherwise specified)
* Pulse Test
C,Apr,2012


同様の部品番号 - BCX56

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX56 MCC-BCX56 Datasheet
202Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX56 INFINEON-BCX56 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Siemens Semiconductor G...
BCX56 SIEMENS-BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

同様の説明 - BCX56

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
   Low voltage
logo
Littelfuse
P3100SCRP LITTELFUSE-P3100SCRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632_17 Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
logo
Analog Devices
AD7719 AD-AD7719_15 Datasheet
515Kb / 40P
   Low Voltage, Low Power
REV. A
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
   Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Sharp Corporation
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com