データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL1183427 データシート(PDF) 8 Page - TDK Electronics

部品番号 TPL1183427
部品情報  Transponder Coils
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

TPL1183427 データシート(HTML) 8 Page - TDK Electronics

Back Button TPL1183427 Datasheet HTML 4Page - TDK Electronics TPL1183427 Datasheet HTML 5Page - TDK Electronics TPL1183427 Datasheet HTML 6Page - TDK Electronics TPL1183427 Datasheet HTML 7Page - TDK Electronics TPL1183427 Datasheet HTML 8Page - TDK Electronics TPL1183427 Datasheet HTML 9Page - TDK Electronics TPL1183427 Datasheet HTML 10Page - TDK Electronics TPL1183427 Datasheet HTML 11Page - TDK Electronics TPL1183427 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
(8/13)
001-01 / 20131101 / e541_tpl.fm
• All specifications are subject to change without notice.
INDUC
T
O
RS
TPL series 
TPL1183427 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
This inductance value is an example of the current commercial product.If a different inductance is needed, please contact us.
Available for an inductance tolerance of less than ±5%.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
[125kHz]
Q
[125kHz]
Self-resonant frequency
(kHz)
DC resistance
(
:)
Part No.
(mH)
Tolerance
typ.
typ.
typ.
7.20
±5%
66
690
50
TPL1183427-722J-720N
Measurement item
Product No.
Manufacturer
L, Q
4194A+16047E
Agilent Technologies
Self-resonant frequency
4194A+16047E
Agilent Technologies
DC resistance
AX-114N
ADEX


同様の部品番号 - TPL1183427

メーカー部品番号データシート部品情報
logo
Copal Electronics
TPL1-01 COPAL-TPL1-01 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L2 COPAL-TPL1-01-L2 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L5 COPAL-TPL1-01-L5 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L8 COPAL-TPL1-01-L8 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01G COPAL-TPL1-01G Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
More results

同様の説明 - TPL1183427

メーカー部品番号データシート部品情報
logo
TDK Electronics
B82450H2364A000 TDK-B82450H2364A000 Datasheet
305Kb / 6P
   Transponder coils
TPLC553030 TDK-TPLC553030 Datasheet
157Kb / 4P
   Transponder coils
20210217
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
TDK Electronics
B82450A1004A000 TDK-B82450A1004A000 Datasheet
156Kb / 6P
   Inductors Transponder coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
logo
TOKO, Inc
STA8121 TOKO-STA8121_16 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
logo
Coilcraft lnc.
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com