データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-2730TV データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 HCPL-2730TV
部品情報  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2730TV データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL-2730TV Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 9Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 10Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 11Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 12Page - Fairchild Semiconductor HCPL-2730TV Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Fig. 19 Propagation Delay vs. Input Diode Forward Current
(HCPL-2730 / HCPL-2731 Only)
IF - INPUT DIODE FORWARD CURRENT - mA
IF - INPUT DIODE FORWARD CURRENT - mA
02468
10
0
10
20
30
40
50
60
70
(tPHL) RL = 2.2 kΩ or 4.7 kΩ
(tPLH) RL = 4.7 kΩ
(tPLH) RL = 2.2 kΩ
VCC = 5 V
TA = 25˚C
Fig. 21 Propagation Delay to Logic Low vs. Pulse Period
(HCPL-2730 / HCPL-2731 Only)
0.01
0.1
1
10
Fig. 20 Propagation Delay to Logic Low vs. Pulse Period
(6N138 / 6N139 Only)
T - INPUT PULSE PERIOD - ms
T - INPUT PULSE PERIOD - ms
0.1
1
10
100
HCPL-2730
HCPL-2731
IF =1.6 mA
RL = 2.2kΩ
TA = 25˚C
HCPL-2731
IF = 0.5 mA
RL = 4.7 kΩ
Fig. 18 Propagation Delay vs. Input Diode Forward Current
(6N138 / 6N139 Only)
0123456789
10
0
10
20
30
40
50
60
70
0.01
0.1
1
10
0.1
1
10
100
(tPHL) RL = 2.2 kΩ or 4.7 kΩ
(tPLH) RL = 4.7 kΩ
(tPLH) RL = 2.2 kΩ
VCC = 5 V
TA = 25˚C
6N139
IF = 0.5 mA
RL = 4.7 kΩ
6N138
IF = 1.6 mA
RL = 2.2 kΩ
TA = 25˚C
Fig. 16 Logic Low Supply Current vs.
Input Diode Forward Current
(6N138 / 6N139 Only)
IF - FORWARD CURRENT (mA)
024
6
8
10
1214
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC = 5 V
VCC = 18 V
Fig. 17 Logic Low Supply Current vs.
Input Diode Forward Current
(HCPL-2730 / HCPL-2731 Only)
IF - INPUT DIODE FORWARD CURRENT - mA
0.1
1
10
100
0.1
1
10
100
TA = 25˚C
HCPL-2731
VCC = 18 V
HCPL-2730
HCPL-2731
VCC = 7 V


同様の部品番号 - HCPL-2730TV

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HCPL-2730 QT-HCPL-2730 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2730 FAIRCHILD-HCPL-2730 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-2730 FAIRCHILD-HCPL-2730 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730 AVAGO-HCPL-2730 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

同様の説明 - HCPL-2730TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com