データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4742A データシート(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 1N4742A
部品情報  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

1N4742A データシート(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  1N4742A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N4742A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N4742A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N4742A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N4742A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0183, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
1N4728A-1N4764A
MARKING DIAGRAM
1N4728A
= Part Name
Cautions:Molding resin
Epoxy resin UL: 94V-0
ORDERING INFORMATION
Device
Package
Shipping
1N4728A-1N4764A
DO-41
(Pb-Free)
5000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.


同様の部品番号 - 1N4742A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
1N4742A RENESAS-1N4742A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4742A ANOVA-1N4742A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4742A PHILIPS-1N4742A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Shenzhen Ping Sheng Ele...
1N4742A PFS-1N4742A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
More results

同様の説明 - 1N4742A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com