データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1935KG データシート(PDF) 1 Page - Zarlink Semiconductor Inc

部品番号 SL1935KG
部品情報  Single Chip Synthesized Zero IF Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1935KG データシート(HTML) 1 Page - Zarlink Semiconductor Inc

  SL1935KG Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1935KG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
Single chip synthesised tuner solution for quadrature
down conversion, L-band to Zero IF.
DVB compliant, operating dynamic range -70 to
-20dBm.
Compatible with DSS and DVB variable symbol rate
applications.
Selectable baseband path, programmable through
I2C bus.
Excellent quadrature balance up to 30MHz
baseband
Excellent immunity to spurious second harmonic
(RF and LO) mixing effects.
Low oscillator phase noise and reradiation.
High output referred linearity for low distortion and
multi channel application.
Integral fast mode compliant I2C bus controlled PLL
frequency synthesiser, designed for high comparison
frequencies and low phase noise performance.
Buffered crystal output for clocking QPSK
demodulator.
ESD protection (Normal ESD handling procedures
should be observed).
Applications
Satellite receiver systems.
Data communications systems.
Figure1.
Pin connections
36
1
18
19
XTALCAP
XTAL
SDA
SCL
BUFREF
VCCD
VCC
RF
RFB
VCC
IFIA
IFIB
VCC
OFIA
OFIB
VEE
IOUT
ADD
PUMP
DRIVE
PORT P0
VEE
TANKS
TANKSB
VEE
TANKV
TANKVB
VEE
IFQA
IFQB
VCC
OFQA
OFQB
VEE
QOUT
AGCCONT
Description
The SL1935 is a complete single chip
bus controlled
Zero IF tuner and operates from 950 to 2150MHz. It
includes an on-board low phase noise PLL frequency
synthesiser and low noise LNA/AGC. The SL1935 is
intended primarilyfor application in digital satellite Network
Interface Modules and performs the complete tuner
function.
The device contains all elements necessary, with the
exception of local oscillator tuning network and crystal
reference, to produce a high performance I(n-phase) &
Q(uadrature) downconversion tuner function. Due to the
high signal handling design the device does not require
any front end tracking filters.
The SL1935 includes selectable baseband signal paths,
allowing application with two externally definable filter
bandwidths, facilitating application in variable symbol
rate and simulcast systems. The SL1935 is optimised to
interface with the VP310 (ADC/QPSK/FEC) Satellite
Channel Decoder, available from Zarlink Semiconductor
and offers a full front end solution.
I2C
SL1935
Single Chip Synthesized Zero IF Tuner
April 2004
Ordering Information
SL1935
D/KG/NP1P (Tubes) 36 pin SSOP
SL1935
D/KG/NP1Q (Tape and Reel) 36 pin SSOP
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003 - 2004, Zarlink Semiconductor Inc. All Rights Reserved.


同様の部品番号 - SL1935KG

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
SL19 BILIN-SL19 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1S ZARLINK-SL1914AMP1S Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
More results

同様の説明 - SL1935KG

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD6134AF TOSHIBA-TD6134AF_02 Datasheet
321Kb / 6P
   ECL Prescaler For Digital Synthesized Tuner
logo
Renesas Technology Corp
M61140FP RENESAS-M61140FP Datasheet
760Kb / 28P
   Tuner Single Chip
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com