データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD10017AY データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LD10017AY
部品情報  1.00 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10017AY データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD10017AY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10017AY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10017AY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121738
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD10017A (Common Cathode)
LD10017B (Common Anode)
5, 8, 17& 20 NO PIN
5, 8, 17& 20 NO PI N
Selection Guide
Single Digit 16 Segment LED Display, Digit Height:25.40mm(1.00 inch), External Dimensions:
23.00x33.00x9.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
IV@IF=20mA
One Seg
One Seg A D G or DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD10017AR
LD10017BR
GaAlAs
Super Red
640
12
15
8
10
LD10017AD
LD10017BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD10017AO
LD10017BO
GaAsP
Orange
625
10.5
13.5
7
9
LD10017AY
LD10017BY
GaAsP
Yellow
588
12
15
8
10
LD10017AG
LD10017BG
GaP
Green
568
10.5
13.5
7
9
LD10017AUR
LD10017BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD10017AUO
LD10017BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD10017AUA
LD10017BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD10017AUY
LD10017BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD10017AUG
LD10017BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD10017APG
LD10017BPG
InGaN
Pure Green
525
180
450
120
300
LD10017AUB
LD10017BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD10017AUW
LD10017BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


同様の部品番号 - LD10017AY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AD LIGHTKEY-LD10012AD Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AG LIGHTKEY-LD10012AG Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AO LIGHTKEY-LD10012AO Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012APG LIGHTKEY-LD10012APG Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results

同様の説明 - LD10017AY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com