データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD10016BO データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LD10016BO
部品情報  1.00 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10016BO データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD10016BO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10016BO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10016BO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121735
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD10016A (Common Cathode)
LD10016B (Common Anode)
A
F
G
EF
DP
E
D
C
B
D
C
B
A
1
7
6
2
4
10
9
5
7
6
4
2
1
3,8
3,8
GDP
10
9
5
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 25.40mm(1.00inch), External Dimensions:
24.00x34.00x10.50mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD10016AR
LD10016BR
GaAlAs
Super Red
640
12
15
8
10
LD10016AD
LD10016BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD10016AO
LD10016BO
GaAsP
Orange
625
10.5
13.5
7
9
LD10016AY
LD10016BY
GaAsP
Yellow
588
12
15
8
10
LD10016AG
LD10016BG
GaP
Green
568
10.5
13.5
7
9
LD10016AUR
LD10016BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD10016AUO
LD10016BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD10016AUA
LD10016BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD10016AUY
LD10016BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD10016AUG
LD10016BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD10016APG
LD10016BPG
InGaN
Pure Green
525
180
450
120
300
LD10016AUB
LD10016BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD10016AUW
LD10016BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


同様の部品番号 - LD10016BO

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CG LIGHTKEY-LD10016CG Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CO LIGHTKEY-LD10016CO Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CPG LIGHTKEY-LD10016CPG Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CR LIGHTKEY-LD10016CR Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results

同様の説明 - LD10016BO

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com