データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDI50-9-U データシート(PDF) 1 Page - CUI INC

部品番号 SDI50-9-U
部品情報  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

SDI50-9-U データシート(HTML) 1 Page - CUI INC

  SDI50-9-U Datasheet HTML 1Page - CUI INC SDI50-9-U Datasheet HTML 2Page - CUI INC SDI50-9-U Datasheet HTML 3Page - CUI INC SDI50-9-U Datasheet HTML 4Page - CUI INC SDI50-9-U Datasheet HTML 5Page - CUI INC SDI50-9-U Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 05/13/2015
page 1 of 6
SERIES: SDI50-U
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SDI50-9-U
9
4
36
100
VI
SDI50-12-U
12
4.2
50
120
VI
SDI50-15-U
15
3.34
50
150
VI
SDI50-18-U
18
2.78
50
180
VI
SDI50-19-U
19
2.64
50
190
VI
SDI50-24-U
24
2.1
50
240
VI
SDI50-48-U
48
1.05
50
480
VI
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerceramicand10μFlowESRelectrolyticcapacitors.
FEATURES
•levelVIefficiency
• 50 W power
• universal input (90~264 Vac)
• compact size
• single regulated output from 9~48 Vdc
• over voltage and short circuit protections
•UL/cUL,GS,andPSEsafetyapprovals
• custom designs available
PART NUMBER KEY
Base Number
ReservedforCustom
Configurations
SDI50 - XX - UX - XXX - CXX
DCPlugType:
XXX = See output plug options
on page 5 for more details
ST=StrippedandTinned
Output Voltage
InputCable:
“Blank”=NoCable
C=NorthAmericainputcable
2=Europeinputcable
3 = United Kingdom input cable
4 = Australia input cable
5=Chinainputcable
6 = South Korea input cable
7 = Brazil input cable
8 = South Africa input cable
9 = Japan input cable
ACInletType:
IEC320/C14
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


同様の部品番号 - SDI50-9-U

メーカー部品番号データシート部品情報
logo
CUI INC
SDI50-9-U CUI-SDI50-9-U Datasheet
604Kb / 6P
   AC-DC POWER SUPPLY
SDI50-9-U CUI-SDI50-9-U Datasheet
655Kb / 6P
   AC-DC POWER SUPPLY
09/16/2021
SDI50-9-UD CUI-SDI50-9-UD Datasheet
554Kb / 6P
   AC-DC POWER SUPPLY
SDI50-9-UD CUI-SDI50-9-UD Datasheet
556Kb / 6P
   AC-DC POWER SUPPLY
SDI50-9-UD CUI-SDI50-9-UD Datasheet
594Kb / 6P
   AC-DC POWER SUPPLY
09/16/2021
More results

同様の説明 - SDI50-9-U

メーカー部品番号データシート部品情報
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com