データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCCE-025U701-00 データシート(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

部品番号 LCCE-025U701-00
部品情報  25W Constant Current Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINKCOM [LinkCom Manufacturing Co., Ltd.]
ホームページ  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-025U701-00 データシート(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-025U701-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-025U701-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-025U701-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCE-025U701-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
● AC Input 90~305Vac Nominal
● AC Inrush current: 10A @ 230 Vac Cold start
● Power Factor: > 0.95 @ 115 Vac / > 0.9 @ 230 Vac
● Protection: SCP / OVP / OCP
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk at 20MHz bandwidth.
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
(6) 100% Production Tested.
*REFERENCE: www.linkcom.com.tw
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
ISOLATION RESISTANCE
NA
DIMENSION (L*W*H)
134 * 42 * 33.1 mm【5.28 *1.65 * 1.3 inch】
(1) All parameters specified at 230 Vac input unless otherwise noted.
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
SAFETY
UL60950-1 / CB 61347-2-13/ PSE
EMI
EN 55015/ FCC PART 15
WITHSTAND VOLTAGE
NA
OPERATING TEMP.
-20℃~+60℃
STORAGE TEMP.
-40℃~+80℃
RELATIVE HUMIDITY
10% to +90%, non-cond.
OVER VOLTAGE PROTECTION
Shut down and latch off o/p voltage, re-power on to recover
OVER TEMP. PROTECTION
NA
OVER CURRENT PROTECTION
Constant Current
INRUSH CURRENT (Max)
Cold Start 10 A @ 230 Vac
LEAKAGE CURRENT
< 0.7 mA / 240 Vac
SHORT CIRCUIT PROTECTION
SCP will restart automatically after the fault condition is removed
THD
NA
TURN ON DELAY TIME
NA
AC CURRENT
0.4 A / 115 Vac 0.2 A / 230 Vac
ELECTRICAL SPECIFICATION
INPUT VOLTAGE RANGE
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
INPUT FREQUENCY
Range: 47-63Hz, Normal: 50-60Hz
ACTIVE POWER FACTOR
> 0.95 @ 115 Vac / > 0.9 @ 230 Vac at Full Load and Rated Output Voltage
3
LCCE-030U831-00
29.88
30-36
0.83
±5%
83%
2
LCCE-025U901-00
21.6
18-24
0.9
±5%
80%
2
LCCE-025U801-00
21
24-30
0.7
±5%
80%
3
LCCE-025U701-00
27.36
30-37
0.72
±5%
83%
3
LCCE-025U112-00
25.2
18-24
1.05
±5%
83%
4
LCCE-025U122-00
25.2
15-21
1.2
±5%
80%
● RoHS Compliant
PRODUCT SPECIFICATION
MODEL
DC OUTPUT
POWER(W)
DC OUTPUT
VOLTAGE(V)
OUTPUT
CURRENT(A)
OUTPUT
CURRENT
TOLERANCE
EFFICIENCY
O/P NOISE(P-P,V)
● High Operating Ambient Temp.: -20℃~+60℃
● Safety: UL / CB / PSE
● EMI: FCC / CE
● Comply with Indoor/Outdoor Waterproof (IP 67)
25W Constant Current Power Supply
25-LCCE Series
Constant Current Mode
● Surge Protection: L-N 0.5 kV
● Warranty: 5 years (refer to LinkCom LinkCom warranty policy)
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


同様の部品番号 - LCCE-025U701-00

メーカー部品番号データシート部品情報
logo
LinkCom Manufacturing C...
LCCE-025U701 LINKCOM-LCCE-025U701 Datasheet
544Kb / 5P
   Power Supply
More results

同様の説明 - LCCE-025U701-00

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
IDPC-25 MEANWELL-IDPC-25 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
APC-35 MEANWELL-APC-35_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
logo
ETA-USA
SVA-SC ETA-USA-SVA-SC Datasheet
2Mb / 3P
   25W ??Isolated Power Supply
SVA-SD ETA-USA-SVA-SD Datasheet
2Mb / 3P
   25W Isolated Power Supply
WRT-X-O ETA-USA-WRT-X-O Datasheet
1Mb / 3P
   25W & 30W Power Supply
VTA01C12 ETA-USA-VTA01C12 Datasheet
7Mb / 3P
   25W Isolated Power Supply
VTA21-FWC12 ETA-USA-VTA21-FWC12 Datasheet
6Mb / 3P
   25W Isolated Power Supply
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com