データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA733CN データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 UA733CN
部品情報  DIFFERENTIAL VIDEO AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UA733CN データシート(HTML) 7 Page - Texas Instruments

Back Button UA733CN Datasheet HTML 3Page - Texas Instruments UA733CN Datasheet HTML 4Page - Texas Instruments UA733CN Datasheet HTML 5Page - Texas Instruments UA733CN Datasheet HTML 6Page - Texas Instruments UA733CN Datasheet HTML 7Page - Texas Instruments UA733CN Datasheet HTML 8Page - Texas Instruments UA733CN Datasheet HTML 9Page - Texas Instruments UA733CN Datasheet HTML 10Page - Texas Instruments UA733CN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
The
and no longer supplied.
mA733M is obsolete
mA733C, mA733M
DIFFERENTIAL VIDEO AMPLIFIERS
SLFS027B − NOVEMBER 1970 − REVISED MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
PHASE SHIFT
vs
FREQUENCY
GAIN 2
5
0
−5
−10
−15
−20
01
23
45
678
9
10
f − Frequency − MHz
VCC ± = ±6 V
TA = 25°C
Figure 8
PHASE SHIFT
vs
FREQUENCY
GAIN 2
50
0
−50
− 100
− 150
− 200
− 250
− 300
− 350
− 400
− 450
f − Frequency − MHz
1
4
10
40
100
400
VCC ± = ±6 V
TA = 25°C
Figure 9
1.2
1.1
1.0
0.9
0.8
−75
− 50
− 25
0
25
50
75
100
125
mA733C
GAIN 1
GAIN 2
GAIN 3
GAIN 1
GAIN 3
GAIN 2
TA − Free-Air Temperature − °C
VOLTAGE AMPLIFICATION
(SINGLE-ENDED OR DIFFERENTIAL)
vs
TEMPERATURE
VCC ± = ±6 V
Figure 10
1.4
1.2
1.0
0.8
0.6
0.4
34567
8
|VCC±| − Supply Voltage − V
VOLTAGE AMPLIFICATION
(SINGLE-ENDED OR DIFFERENTIAL)
vs
SUPPLY VOLTAGE
TA = 25°C
GAIN 1
GAIN 2
GAIN 3


同様の部品番号 - UA733CN

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA733CN TI-UA733CN Datasheet
592Kb / 17P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Rochester Electronics
UA733CN ROCHESTER-UA733CN Datasheet
628Kb / 1P
   TWO-STAGE VIDEO AMPLIFIER reintroducing the UA733M version 14 pin DIP
logo
Texas Instruments
UA733CN TI1-UA733CN Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733CNE4 TI-UA733CNE4 Datasheet
592Kb / 17P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733CNE4 TI1-UA733CNE4 Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
More results

同様の説明 - UA733CN

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA733 TI-UA733_07 Datasheet
592Kb / 17P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
   DIFFERENTIAL AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com