データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC88FC3H0A データシート(PDF) 6 Page - ON Semiconductor

部品番号 LC88FC3H0A
部品情報  16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC3H0A データシート(HTML) 6 Page - ON Semiconductor

Back Button LC88FC3H0A Datasheet HTML 2Page - ON Semiconductor LC88FC3H0A Datasheet HTML 3Page - ON Semiconductor LC88FC3H0A Datasheet HTML 4Page - ON Semiconductor LC88FC3H0A Datasheet HTML 5Page - ON Semiconductor LC88FC3H0A Datasheet HTML 6Page - ON Semiconductor LC88FC3H0A Datasheet HTML 7Page - ON Semiconductor LC88FC3H0A Datasheet HTML 8Page - ON Semiconductor LC88FC3H0A Datasheet HTML 9Page - ON Semiconductor LC88FC3H0A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LC88FC3H0A
www.onsemi.com
6
 Oscillator circuits
 RC oscillator circuit (internal)
: For system clock
 CF oscillator circuit ( built-in Rf circuit )
: For system clock( OSC1 )
 Crystal oscillator circuit ( built-in Rf circuit ) : For low-speed system clock (OSC0)
 SLRC oscillator circuit (internal)
: For system clock (In the case of exception processing)
 VCO oscillator circuit
: For timer3, 4, 5, 6, 7 clock
 System clock divider function
 Can run on low current.
 1/1 to 1/128 of the system clock frequency can be set.
 Standby function
 HALT mode : Halts instruction execution while allowing the peripheral circuits to continue operation.
<1> Oscillation is not stopped automatically.
<2> Released by a system reset or occurrence of an interrupt.
 HOLD mode : Suspends instruction execution and the operation of the peripheral circuits.
<1> OSC1, RC, and OSC0 oscillations automatically stop.
<2> There are six ways of releasing the HOLD mode:
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified
level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt established at SIO0, SIO1 or SIO4
(6) Having an interrupt established at UART2 or UART3
 HOLDX mode : Suspends instruction execution and the operation of the peripheral circuits except those
which run on OSC0.
<1> OSC1 and RC oscillations automatically stop.
<2> OSC0 maintains the state that is established when the HOLDX mode is entered.
<3> There are nine ways of releasing the HOLDX mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6,and INT7 pins to the specified
level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt source established at the base timer circuit
(6) Having an interrupt established at SIO0, SIO1 or SIO4
(7) Having an interrupt established at UART2 or UATR3
(8) Having an interrupt established at Infared remote control receiver.
(9) Having an interrupt source established at the real time clock circuit
 On-chip debugger function
 Supports software debugging with the IC mounted on the target board.
 Supports source line debugging and tracing functions, and breakpoint setting and real time display.
 Single-wire communication
 Package form
 TQFP100, 14  14 : Pb-Free and Halogen Free type


同様の部品番号 - LC88FC3H0A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0AUTJ-2H ONSEMI-LC88FC3J0AUTJ-2H Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3K0A ONSEMI-LC88FC3K0A Datasheet
418Kb / 48P
   16-bit Microcontroller
September 2015 - Rev. 0
More results

同様の説明 - LC88FC3H0A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
logo
STMicroelectronics
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com