データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1331 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2SK1331
部品情報  Drain Current ?밒D=15A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1331 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1331 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1331 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1331
DESCRIPTION
·Drain Current
–I
D=15A@ TC=25℃
·Drain Source Voltage-
: VDSS=500V(Min)
APPLICATIONS
·Designed for high voltage, high speed power switching
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
DSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
15
A
Ptot
Total Dissipation@TC=25℃
100
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃/W
PDF pdfFactory Pro
www.fineprint.cn


同様の部品番号 - 2SK1331

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK133 HITACHI-2SK133 Datasheet
189Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
logo
Inchange Semiconductor ...
2SK133 ISC-2SK133 Datasheet
827Kb / 2P
   iscN-Channel MOSFET Transistor
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1330A ISC-2SK1330A Datasheet
64Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
logo
Sanyo Semicon Device
2SK1332 SANYO-2SK1332 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp Applications???
More results

同様の説明 - 2SK1331

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK725 ISC-2SK725 Datasheet
58Kb / 2P
   Drain Current ?밒D=15A@ TC=25C
2SK688 ISC-2SK688 Datasheet
65Kb / 2P
   Drain Current ?밒D=15A@ TC=25C
2SK922 ISC-2SK922 Datasheet
66Kb / 2P
   Drain Current ?밒D= 15A@ TC=25C
2SK1016 ISC-2SK1016 Datasheet
69Kb / 2P
   Drain Current ?밒D=15A@ TC=25C
2SK1222 ISC-2SK1222 Datasheet
67Kb / 2P
   Drain Current ?밒D=15A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
   Drain Current ?밒D=20A@ TC=25C
2SK1461 ISC-2SK1461 Datasheet
68Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com