データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC3105-R4C-TR1 データシート(PDF) 10 Page - Cymbet Corporation

部品番号 CBC3105-R4C-TR1
部品情報  EnerChip CC with Integrated Power Management
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYMBET [Cymbet Corporation]
ホームページ  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3105-R4C-TR1 データシート(HTML) 10 Page - Cymbet Corporation

Back Button CBC3105-R4C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 9Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 10Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 11Page - Cymbet Corporation CBC3105-R4C-TR1 Datasheet HTML 12Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EnerChip CC CBC3105
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev G
Page 10 of 12
Preliminary
Figure 7: CBC3105 Typical Circuit for Mode 2 Operation
Mode 2 Operation
Figure 7 shows the circuitry for user-selectable switchover threshold to a value between 2.5 and 5.0 volts. Use
Figure 8 to determine the value of R1. To determine the amount of hysteresis from the EnerChip switchover
threshold, use Figure 9.
To determine the backup switchover hysteresis for Mode 2 operation, use Figure 9.
Figure 8: Mode 2 Resistor Selection Graph
Figure 9: Mode 2 Hysteresis as a Function of R2/R1
Battery Switchover Threshold Voltage vs. R2/R1
Ratio
0
1
2
3
4
5
6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
R2/R1 Ratio
Trip point
Hysteresis in Battery Switchover Threshold
Voltage vs. R2/R1 Ratio
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1
R2/R1 Ratio
Hysteresis
EnerChip charging and backup power switchover threshold for 2.5 to 5.5 volt operation is selected by changing
the value of R2 (see Figure 7). To determine the backup switchover point, set the value of R1 to 200kΩ and
choose the value of R2 according to Figure 8. For example, to set a 3.0V trip point: If R1=200 kΩ then R2 = R1
x 0.72 = 144kΩ. Figure 7 shows a Mode 2 circuit with standard value resistors of 200kΩ and 143kΩ.


同様の部品番号 - CBC3105-R4C-TR1

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC3105-R4C-TR1 CYMBET-CBC3105-R4C-TR1 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3105-R4C-TR1 CYMBET-CBC3105-R4C-TR1 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
More results

同様の説明 - CBC3105-R4C-TR1

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com