データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24V01A データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 FM24V01A
部品情報  128-Kbit (16K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01A データシート(HTML) 4 Page - Cypress Semiconductor

  FM24V01A Datasheet HTML 1Page - Cypress Semiconductor FM24V01A Datasheet HTML 2Page - Cypress Semiconductor FM24V01A Datasheet HTML 3Page - Cypress Semiconductor FM24V01A Datasheet HTML 4Page - Cypress Semiconductor FM24V01A Datasheet HTML 5Page - Cypress Semiconductor FM24V01A Datasheet HTML 6Page - Cypress Semiconductor FM24V01A Datasheet HTML 7Page - Cypress Semiconductor FM24V01A Datasheet HTML 8Page - Cypress Semiconductor FM24V01A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
FM24V01A
Document Number: 001-90869 Rev. *H
Page 4 of 19
Functional Overview
The FM24V01A is a serial F-RAM memory. The memory array is
logically organized as 16,384 × 8 bits and is accessed using a
two-wire (I2C) interface. The functional operation of the F-RAM
is similar to serial EEPROM. The major difference between the
FM24V01A and a serial EEPROM with the same pinout is the
F-RAM's superior write performance, high endurance, and low
power consumption.
Memory Architecture
When accessing the FM24V01A, the user addresses 16K
locations of eight data bits each. These eight data bits are shifted
in or out serially. The addresses are accessed using the two-wire
protocol, which includes a slave address (to distinguish other
non-memory devices) and a two-byte address. The upper 2 bits
of the address range are 'don't care' values. The complete
address of 14 bits specifies each byte address uniquely.
The access time for the memory operation is essentially zero,
beyond the time needed for the serial protocol. That is, the
memory is read or written at the speed of the two-wire bus. Unlike
a serial EEPROM, it is not necessary to poll the device for a
ready condition because writes occur at bus speed. By the time
a new bus transaction can be shifted into the device, a write
operation is complete. This is explained in more detail in the
Memory Operation on page 6.
Two-wire Interface
The FM24V01A employs a bidirectional two-wire bus protocol
using few pins or board space. Figure 2 illustrates a typical
system configuration using the FM24V01A in a microcon-
troller-based system. The two-wire bus is familiar to many users
but is described in this section.
By convention, any device that is sending data to the bus is the
transmitter while the target device for this data is the receiver.
The device that is controlling the bus is the master. The master
is responsible for generating the clock signal for all operations.
Any device on the bus that is being controlled is a slave. The
FM24V01A is always a slave device.
The bus protocol is controlled by transition states in the SDA and
SCL signals. There are four conditions including START, STOP,
data bit, or acknowledge. Figure 3 and Figure 4 on page 5 illus-
trate the signal conditions that specify the four states. Detailed
timing diagrams are shown in the electrical specifications
section.
The FM24V01A does not meet the NXP I2C specification in the
Fast-mode Plus (Fm+, 1 MHz) for IOL and in the High Speed
Mode (Hs-mode, 3.4 MHz) for Vhys. Refer to the DC Electrical
Characteristics table for more details.
STOP Condition (P)
A STOP condition is indicated when the bus master drives SDA
from LOW to HIGH while the SCL signal is HIGH. All operations
using the FM24V01A should end with a STOP condition. If an
operation is in progress when a STOP is asserted, the operation
will be aborted. The master must have control of the SDA (not a
memory read) to assert a STOP condition.
START Condition (S)
A START condition is indicated when the bus master drives SDA
from HIGH to LOW while the SCL signal is HIGH. All commands
should be preceded by a START condition. An operation in
progress can be aborted by asserting a START condition at any
time. Aborting an operation using the START condition will ready
the FM24V01A for a new operation.
Figure 2. System Configuration Using Serial (I2C) F-RAM
SDA
SCL
DD
A0
A0
A0
A1
A1
A1
SCL
SCL
SCL
SDA
SDA
SDA
WP
WP
WP
#0
#1
#7
A2
A2
A2
Microcontroller
V
DD
V
DD
V
FM24V01A
FM24V01A
FM24V01A
RPmin = (VDD - VOLmax) / IOL
RPmax = tr / (0.8473 * Cb)


同様の部品番号 - FM24V01A

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24V01A

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com