データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24V01A-G データシート(PDF) 11 Page - Cypress Semiconductor

部品番号 FM24V01A-G
部品情報  128-Kbit (16K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01A-G データシート(HTML) 11 Page - Cypress Semiconductor

Back Button FM24V01A-G Datasheet HTML 7Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 8Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 9Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 10Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 11Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 12Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 13Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 14Page - Cypress Semiconductor FM24V01A-G Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FM24V01A
Document Number: 001-90869 Rev. *H
Page 11 of 19
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –55
C to +125 C
Maximum accumulated storage time
At 125 °C ambient temperature ................................. 1000 h
At 85 °C ambient temperature ................................ 10 Years
Ambient temperature
with power applied ................................... –55 °C to +125 °C
Supply voltage on VDD relative to VSS .........–1.0 V to +4.5 V
Input voltage* ......... –1.0 V to + 4.5 V and VIN < VDD + 1.0 V
DC voltage applied to outputs
in HI-Z state ........................................ –0.5 V to VDD + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VDD + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. 1.0 W
Surface mount lead
soldering temperature (3 seconds) .......................... +260
C
Electrostatic discharge voltage
Human Body Model (JEDEC Std JESD22-A114-B) .............. 2 kV
Charged Device Model (JEDEC Std JESD22-C101-A) ........ 500 V
Latch-up current .................................................... > 140 mA
* Exception: The “VIN < VDD + 1.0 V” restriction does not apply
to the SCL and SDA inputs.
Operating Range
Range
Ambient Temperature (TA)
VDD
Industrial
–40
C to +85 C
2.0 V to 3.6 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [2]
Max
Unit
VDD
Power supply
2.0
3.3
3.6
V
IDD
Average VDD current
SCL toggling between
VDD – 0.2 V and VSS,
other inputs VSS or
VDD – 0.2 V.
fSCL = 100 kHz
175
A
fSCL = 1 MHz
400
A
fSCL = 3.4 MHz
1000
A
ISB
VDD standby current
SCL = SDA = VDD. All other inputs VSS or
VDD. Stop command issued.
–90
150
A
IZZ
Sleep mode current
SCL = SDA = VDD. All other inputs VSS or
VDD. Stop command issued.
–5
8
A
ILI
Input leakage current
(Except WP and A2-A0)
VSS < VIN < VDD
–1
+1
A
Input leakage current
(for WP and A2-A0)
VSS < VIN < VDD
–1
+100
A
ILO
Output leakage current
VSS < VOUT < VDD
–1
+1
A
VIH
Input HIGH voltage (SDL, SDA)
0.7 × VDD
–VDD(max) + 0.3
V
Input HIGH voltage (WP, A2-A0)
0.7 × VDD
–VDD + 0.3
V
VIL
Input LOW voltage
– 0.3
0.3 × VDD
V
VOL[3]
Output LOW voltage
IOL = 3 mA
0.4
V
IOL = 6 mA
0.6
V
Rin[4]
Input resistance (WP, A2-A0)
For VIN = VIL(Max)
50
k
For VIN = VIH(Min)
1–
M
Vhys[5]
Hysteresis of Schmitt Trigger
inputs
fSCL = 100 kHz,
400 kHz, 1 MHz
0.05 × VDD
––
V
fSCL = 3.4 MHz
0.06 × VDD
––
V
Notes
2. Typical values are at 25 °C, VDD = VDD(typ). Not 100% tested.
3. The FM24V01A does not meet the NXP I2C specification in the Fast-mode Plus (Fm+, 1 MHz) for IOL of 20 mA at a VOL of 0.4 V.
4. The input pull-down circuit is strong (50 k
) when the input voltage is below VIL and weak (1 M) when the input voltage is above VIH.
5. The FM24V01A does not meet the NXP I2C specification in the High Speed Mode (Hs-mode, 3.4 MHz) for Vhys of 0.1 × VDD.


同様の部品番号 - FM24V01A-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24V01A-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com