データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25V02A-G データシート(PDF) 5 Page - Cypress Semiconductor

部品番号 FM25V02A-G
部品情報  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A-G データシート(HTML) 5 Page - Cypress Semiconductor

  FM25V02A-G Datasheet HTML 1Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 2Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 3Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 4Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 5Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 6Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 7Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 8Page - Cypress Semiconductor FM25V02A-G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 5 of 23
For a microcontroller that has no dedicated SPI bus, a
general-purpose port may be used. To reduce hardware
resources on the controller, it is possible to connect the two data
pins (SI, SO) together and tie off (HIGH) the HOLD and WP pins.
Figure 4 shows such a configuration, which uses only three pins.
Most Significant Bit (MSB)
The SPI protocol requires that the first bit to be transmitted is the
Most Significant Bit (MSB). This is valid for both address and
data transmission.
The 256-Kbit serial F-RAM requires a 2-byte address for any
read or write operation. Because the address is only 15 bits, the
upper bit which is fed in is ignored by the device. Although the
upper bit is ‘don’t care’, Cypress recommends that these bits be
set to 0s to enable seamless transition to higher memory
densities.
Serial Opcode
After the slave device is selected with CS going LOW, the first
byte received is treated as the opcode for the intended operation.
FM25V02A uses the standard opcodes for memory accesses.
Invalid Opcode
If an invalid opcode is received, the opcode is ignored and the
device ignores any additional serial data on the SI pin until the
next falling edge of CS, and the SO pin remains tristated.
Status Register
FM25V02A has an 8-bit Status Register. The bits in the Status
Register are used to configure the device. These bits are
described in Table 3 on page 7.
SPI Modes
FM25V02A may be driven by a microcontroller with its SPI
peripheral running in either of the following two modes:
SPI Mode 0 (CPOL = 0, CPHA = 0)
SPI Mode 3 (CPOL = 1, CPHA = 1)
For both these modes, the input data is latched in on the rising
edge of SCK starting from the first rising edge after CS goes
active. If the clock starts from a HIGH state (in mode 3), the first
rising edge after the clock toggles is considered. The output data
is available on the falling edge of SCK.The two SPI modes are
shown in Figure 5 on page 6 and Figure 6 on page 6. The status
of the clock when the bus master is not transferring data is:
SCK remains at 0 for Mode 0
SCK remains at 1 for Mode 3
Figure 3. System Configuration with SPI Port
Figure 4. System Configuration Without SPI Port
CS 1
CS 2
HO L D 1
HO L D 2
FM25V02A
FM25V02A
WP1
WP2
SCK
SI
SO
SCK
SI
SO
CS HOLD WP
CS HOLD WP
SCK
MOSI
MISO
SPI
Microcontroller
FM25V02A
Microcontroller
SCK
SI
SO
CS HOLD WP
P1.2
P1.1
P1.0


同様の部品番号 - FM25V02A-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM25V02A-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com