データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448X データシート(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 1N4448X
部品情報  FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

1N4448X データシート(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  1N4448X Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 1N4448X Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 1N4448X Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 1N4448X Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cj-elec.com
2
D,Mar,2015
Typical Characteristics
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
150
0
50
100
150
200
0.0
0.4
0.8
1.2
1.6
0.1
1
10
100
0
2040
6080
100
1
10
100
1000
10000
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
300
Forward
Characteristics
FORWARD VOLTAGE
V
F
(V)
Pulsed
Pulsed
Reverse
Characteristics
T
a
=100℃
T
a
=25℃
REVERSE VOLTAGE
V
R
(V)


同様の部品番号 - 1N4448X

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
   150mW Switching Diodes
1N4448X MCC-1N4448X Datasheet
220Kb / 4P
   150mW Switching Diodes
logo
Nanjing International G...
1N4448X DGNJDZ-1N4448X Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X_11 Datasheet
220Kb / 4P
   150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
   150mW Switching Diodes
More results

同様の説明 - 1N4448X

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com