データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5174 データシート(PDF) 10 Page - ON Semiconductor

部品番号 CS5174
部品情報  1.5 A 280 kHz/560 kHz Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5174 データシート(HTML) 10 Page - ON Semiconductor

Back Button CS5174 Datasheet HTML 6Page - ON Semiconductor CS5174 Datasheet HTML 7Page - ON Semiconductor CS5174 Datasheet HTML 8Page - ON Semiconductor CS5174 Datasheet HTML 9Page - ON Semiconductor CS5174 Datasheet HTML 10Page - ON Semiconductor CS5174 Datasheet HTML 11Page - ON Semiconductor CS5174 Datasheet HTML 12Page - ON Semiconductor CS5174 Datasheet HTML 13Page - ON Semiconductor CS5174 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
10
APPLICATIONS INFORMATION
THEORY OF OPERATION
Current Mode Control
+
Driver
CO
RLOAD
VSW
X5
SUMMER
Slope Compensation
VC
Oscillator
D1
VCC
S
R
Q
In Out
PWM
Comparator
L
63 m
W
Figure 27. Current Mode Control Scheme
Power Switch
The CS517x family incorporates a current mode control
scheme, in which the PWM ramp signal is derived from the
power switch current. This ramp signal is compared to the
output of the error amplifier to control the on−time of the
power switch. The oscillator is used as a fixed−frequency
clock to ensure a constant operational frequency. The
resulting control scheme features several advantages over
conventional voltage mode control. First, derived directly
from the inductor, the ramp signal responds immediately to
line voltage changes. This eliminates the delay caused by the
output filter and error amplifier, which is commonly found
in voltage mode controllers. The second benefit comes from
inherent pulse−by−pulse current limiting by merely
clamping the peak switching current. Finally, since current
mode commands an output current rather than voltage, the
filter offers only a single pole to the feedback loop. This
allows both a simpler compensation and a higher
gain−bandwidth over a comparable voltage mode circuit.
Without discrediting its apparent merits, current mode
control comes with its own peculiar problems, mainly,
subharmonic oscillation at duty cycles over 50%. The
CS517x family solves this problem by adopting a slope
compensation scheme in which a fixed ramp generated by
the oscillator is added to the current ramp. A proper slope
rate is provided to improve circuit stability without
sacrificing the advantages of current mode control.
Oscillator and Shutdown
Figure 28. Timing Diagram of Sync and Shutdown
VSW
Current
Ramp
Sync
The oscillator is trimmed to guarantee an 18% frequency
accuracy. The output of the oscillator turns on the power
switch at a frequency of 280 kHz (CS5171/2) or 560 kHz
(CS5173/4), as shown in Figure 27. The power switch is
turned off by the output of the PWM Comparator.
A TTL−compatible sync input at the SS pin is capable of
syncing up to 1.8 times the base oscillator frequency. As
shown in Figure 28, in order to sync to a higher frequency,
a positive transition turns on the power switch before the
output of the oscillator goes high, thereby resetting the
oscillator. The sync operation allows multiple power
supplies to operate at the same frequency.
A sustained logic low at the SS pin will shut down the IC
and reduce the supply current.
An additional feature includes frequency shift to 20% of
the nominal frequency when either the NFB or FB pins
trigger the threshold. During power up, overload, or short
circuit conditions, the minimum switch on−time is limited
by the PWM comparator minimum pulse width. Extra
switch off−time reduces the minimum duty cycle to protect
external components and the IC itself.
As previously mentioned, this block also produces a ramp
for the slope compensation to improve regulator stability.
Error Amplifier
+
+
CS5172/4
CS5171/3
Figure 29. Error Amplifier Equivalent Circuit
2.0 V
200 k
250 k
1M
W
positive error−amp
negative error−amp
1.276 V
FB
NFB
VC
C1
R1
5 k
W
0.01
mF
Voltage
Clamp
120 pF
For CS5172/4, the NFB pin is internally referenced to
−2.5 V with approximately a 250 k
W input impedance. For
CS5171/3, the FB pin is directly connected to the inverting
input of the positive error amplifier, whose non−inverting
input is fed by the 1.276 V reference. Both amplifiers are
transconductance amplifiers with a high output impedance
of approximately 1 M
W, as shown in Figure 29. The VC pin
is connected to the output of the error amplifiers and is
internally clamped between 0.5 V and 1.7 V. A typical
connection at the VC pin includes a capacitor in series with
a resistor to ground, forming a pole/zero for loop
compensation.
An external shunt can be connected between the VC pin
and ground to reduce its clamp voltage. Consequently, the
current limit of the internal power transistor current is
reduced from its nominal value.


同様の部品番号 - CS5174

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5174 ONSEMI-CS5174 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5174 ONSEMI-CS5174 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS5174ED8 ONSEMI-CS5174ED8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5174ED8G ONSEMI-CS5174ED8G Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5174EDR8 ONSEMI-CS5174EDR8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
More results

同様の説明 - CS5174

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com