データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES62UL256 データシート(PDF) 1 Page - NanoAmp Solutions, Inc.

部品番号 ES62UL256
部品情報  32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

ES62UL256 データシート(HTML) 1 Page - NanoAmp Solutions, Inc.

  ES62UL256 Datasheet HTML 1Page - NanoAmp Solutions, Inc. ES62UL256 Datasheet HTML 2Page - NanoAmp Solutions, Inc. ES62UL256 Datasheet HTML 3Page - NanoAmp Solutions, Inc. ES62UL256 Datasheet HTML 4Page - NanoAmp Solutions, Inc. ES62UL256 Datasheet HTML 5Page - NanoAmp Solutions, Inc. ES62UL256 Datasheet HTML 6Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Stock No. 23003-03 4/99
ES62UXX256 Family
NanoAmp Solutions, Inc.
1982 Zanker Road, San Jose, CA 95112
ph: 408-573-8878, FAX: 408-573-8877
www.nanoamp.com
ES62UL256 Family
32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
Overview
The ES62UXX256 is an integrated memory device
containing a low power 256 Kbit Static Random
Access Memory organized as 32,768 words by 8
bits. The device is fabricated using an advanced
CMOS process and NanoAmp’s high-speed/low-
power circuit technology. This device is also
designed for very low voltage operation making it
quite suitable for battery powered devices having
both very low operating and standby currents. The
device pinout is compatible with other standard
32k x 8 SRAMs. The ES62UXX256 comes in two
speed grades (45 and 25 nsec) and two very broad
voltage ranges.
Features
Operating Voltage
1.5 to 3.6 Volts
Extended Temperature Range
-20o to +80oC
Fast Cycle Time
TACC < 25 nS @ 3V
Very Low Operating Current
ICC < 0.8 mA typical at 2V, 1 Mhz
Very Low Standby Current
ISB = 50 nA typical
FIGURE 1: Operating Envelope
40 Mhz
5 Mhz
1 Mhz
VCC (V)
20 Mhz
Operating Voltage Range
Speed/Power
0
1
2
3
4
50
40
30
20
10


同様の部品番号 - ES62UL256

メーカー部品番号データシート部品情報
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
ES6218SAF ESS-ES6218SAF Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
ES6230SF ETC1-ES6230SF Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
More results

同様の説明 - ES62UL256

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com