データシートサーチシステム |
|
AD404M324VSB-5 データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
AD404M324VSB-5 データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 28 page Rev.1 Page 8 DC Characteristics : (Ta = 0 to 70°C, VCC = + 3.3V %, VSS = 0V) Parameter Symbol Test Conditions AD404M42V Unit Notes -5 -6 Min Max Min Max Operating current ICC1 RAS cycling CAS, cycling tRC = min - 120 - 110 mA 1, 2 Standby Current Low power S-version ICC2 LVTTL interface RAS, CAS = VIH Dout = High-Z - 0.5 - 0.5 mA CMOS interface RAS, -0.2V Dout = High-Z - 0.15 - 0.15 mA Standard power version LVTTL interface RAS, CAS = VIH Dout = High-Z - 2 - 2 mA CMOS interface RAS, -0.2V Dout = High-Z - 0.5 - 0.5 mA RAS- only refresh current ICC3 RAS cycling, CAS = VIH tRC = min - 120 - 110 mA 1, 2 EDO page mode current ICC4 tPC = min - 90 - 80 mA 1, 3 CAS- before- RAS refresh current ICC5 tRC = min RAS, CAS cycling - 120 - 110 mA 1, 2 Self- refresh current (S-Version) ICC8 - 550 - 550 10 ± CAS V C C ≥ CAS V C C ≥ t RASS 100 µs ≥ µA |
同様の部品番号 - AD404M324VSB-5 |
|
同様の説明 - AD404M324VSB-5 |