データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1477 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 2SK1477
部品情報  Drain Current ?밒D=12A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1477 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1477 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1477 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1477
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
500
V
VGS(th)
Gate Threshold Voltage
VDS=10V; ID=1mA
2.0
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=6A
0.78
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=500V; VGS= 0
1
mA
VSD
Diode Forward Voltage
IF=12A; VGS=0
1.8
V
PDF pdfFactory Pro
www.fineprint.cn


同様の部品番号 - 2SK1477

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK147 SANYO-2SK147 Datasheet
86Kb / 3P
   Very High-Speed Switching Applications
2SK1470 SANYO-2SK1470 Datasheet
86Kb / 3P
   Very High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SK1470 VBSEMI-2SK1470 Datasheet
1,019Kb / 8P
   N-Channel 0-V (D-S) MOSFET
logo
Sanyo Semicon Device
2SK1471 SANYO-2SK1471 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
logo
Inchange Semiconductor ...
2SK1471 ISC-2SK1471 Datasheet
849Kb / 2P
   iscN-Channel MOSFET Transistor
More results

同様の説明 - 2SK1477

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK1563 ISC-2SK1563 Datasheet
64Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
12N65 ISC-12N65 Datasheet
136Kb / 2P
   Drain Current ?밒D= 12A@ TC=25C
2SK1570 ISC-2SK1570 Datasheet
67Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK1476 ISC-2SK1476 Datasheet
67Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK1571 ISC-2SK1571 Datasheet
67Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK1373 ISC-2SK1373 Datasheet
67Kb / 2P
   Drain Current ?밒D= 12A@ TC=25C
12N60 ISC-12N60 Datasheet
136Kb / 2P
   Drain Current ?밒D= 12A@ TC=25C
2SK682 ISC-2SK682 Datasheet
65Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK1014 ISC-2SK1014 Datasheet
69Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK1449 ISC-2SK1449 Datasheet
68Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK683 ISC-2SK683 Datasheet
65Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com