データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1574 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2SK1574
部品情報  Drain Current ?밒D=8A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1574 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1574 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1574 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1574
DESCRIPTION
·Drain Current
–I
D=8A@ TC=25℃
·Drain Source Voltage-
: VDSS=500 (Min)
APPLICATIONS
·Designed for high voltage, high speed power switching
applications such as switching regulators, converters,
solenoid and relay drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNI
T
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
8
A
Ptot
Total Dissipation@TC=25℃
125
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
PDF pdfFactory Pro
www.fineprint.cn


同様の部品番号 - 2SK1574

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK1570 ISC-2SK1570 Datasheet
67Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
2SK1571 ISC-2SK1571 Datasheet
67Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
logo
Hitachi Semiconductor
2SK1572 HITACHI-2SK1572 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1572 ISC-2SK1572 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1572 RENESAS-2SK1572 Datasheet
994Kb / 9P
   Silicon N Channel MOS FET
Rev.2.00 Sep 07, 2005
More results

同様の説明 - 2SK1574

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK1569 ISC-2SK1569 Datasheet
66Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1451 ISC-2SK1451 Datasheet
69Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1465 ISC-2SK1465 Datasheet
66Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK756 ISC-2SK756 Datasheet
67Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
8N80 ISC-8N80 Datasheet
154Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK934 ISC-2SK934 Datasheet
67Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1319 ISC-2SK1319 Datasheet
65Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1448 ISC-2SK1448 Datasheet
68Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1462 ISC-2SK1462 Datasheet
68Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com