データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33025DWR2G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC33025DWR2G
部品情報  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWR2G データシート(HTML) 2 Page - ON Semiconductor

  MC33025DWR2G Datasheet HTML 1Page - ON Semiconductor MC33025DWR2G Datasheet HTML 2Page - ON Semiconductor MC33025DWR2G Datasheet HTML 3Page - ON Semiconductor MC33025DWR2G Datasheet HTML 4Page - ON Semiconductor MC33025DWR2G Datasheet HTML 5Page - ON Semiconductor MC33025DWR2G Datasheet HTML 6Page - ON Semiconductor MC33025DWR2G Datasheet HTML 7Page - ON Semiconductor MC33025DWR2G Datasheet HTML 8Page - ON Semiconductor MC33025DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC34025, MC33025
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
30
V
Output Driver Supply Voltage
VC
25
V
Output Current, Source or Sink (Note 1)
DC
Pulsed (0.5 ms)
IO
0.5
2.0
A
Current Sense, Soft−Start, Ramp, and Error Amp Inputs
Vin
−0.3 to +7.0
V
Error Amp Output and Soft−Start Sink Current
IO
10
mA
Clock and RT Output Current
ICO
5.0
mA
Power Dissipation and Thermal Characteristics
SO−16 Package (Case 751G)
Maximum Power Dissipation @ TA = +25°C
Thermal Resistance, Junction−to−Air
DIP Package (Case 648)
Maximum Power Dissipation @ TA = +25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 2)
MC34025
MC33025
TA
0 to +70
−40 to +105
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Human Body Model ESD Capability per JEDEC − JESD22−A114F
HBM
2000
V
Machine Model ESD Capability per JEDEC − JESD22−A115C
MM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kW, CT = 1.0 nF, for typical values TA = +25°C, for min/max values TA
is the operating ambient temperature range that applies [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = +25°C)
Vref
5.05
5.1
5.15
V
Line Regulation (VCC = 10 V to 30 V)
Regline
2.0
15
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
2.0
15
mV
Temperature Stability
TS
0.2
mV/°C
Total Output Variation over Line, Load, and Temperature
Vref
4.95
5.25
V
Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = +25°C)
Vn
50
mV
Long Term Stability (TA = +125°C for 1000 Hours)
S
5.0
mV
Output Short Circuit Current
ISC
−30
−65
−100
mA
OSCILLATOR SECTION
Frequency
TJ = +25°C
Line (VCC = 10 V to 30 V) and Temperature (TA = Tlow to Thigh)
fosc
380
370
400
400
420
430
kHz
Frequency Change with Voltage (VCC = 10 V to 30 V)
Dfosc/DV
0.2
1.0
%
Frequency Change with Temperature (TA = Tlow to Thigh)
Dfosc/DT
2.0
%
Sawtooth Peak Voltage
VP
2.6
2.8
3.0
V
Sawtooth Valley Voltage
VV
0.7
1.0
1.25
V
Clock Output Voltage
High State
Low State
VOH
VOL
3.9
4.5
2.3
2.9
V
1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34025
Thigh = +70°C for MC34025
Tlow = − 40°C for MC33025
Thigh = +105°C for MC33025


同様の部品番号 - MC33025DWR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
More results

同様の説明 - MC33025DWR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com