データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4042S-AHM データシート(PDF) 9 Page - Summit Microelectronics, Inc.

部品番号 SMH4042S-AHM
部品情報  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042S-AHM データシート(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMH4042S-AHM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4042S-AHM Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
2037 8.0 8/8/00
SMH4042
accommodated by either adding an additional capacitor
between the MOSFET gate and ground or by injecting
current into the ISLEW input. All circuitry on the card is
held in a reset condition until the 5 volts (or 3.3 volt) supply
is stable and the reset interval timer has timed out the
150ms reset time. At this point, the reset signals are de-
asserted, and proper operation of the card commences.
The SMH4042 will monitor the card’s backend voltages.
Once they are at or above the CARD VTRIP levels, the
SMH4042 will drive the HEALTHY# output.
Card Removal Process
The card removal process operates in the opposite se-
quence. For non-high-availability cards, the action of card
removal disconnects the BD_SEL# (short pins) from
ground and the SMH4042 will instantly shutdown the
VGATE outputs, change the HEALTHY# status and as-
sert the LOCAL_PCI_RST# output.
Because connectors to the host backplane employ the
staggered pins, power will still be applied to the SMH4042
and the I/O interface circuits. The LOCAL_PCI_RST#
signal will place the interface circuits into a high imped-
ance condition. The pre-charge voltage will be applied to
the I/Os enabling a graceful disengagement from the
active bus. Once the I/O pins are free of the backplane
power can then be removed from the SMH4042 and other
early power devices by releasing the long pins.
The removal process is slightly different for a high-avail-
ability system. As the ejector handle is rotated the ejector
switch will open, causing a change of state that will
activate the ENUM# signal to the host. In response to this
notification the host will de-assert a hardware controlled
BD_SEL# signal. This action will turn on an indicator LED
on the card, notifying the operator it is now safe to proceed
with the removal of the card. The sequence will then follow
that outlined for the non-high-availability removal pro-
cess.
Power Configurations
The SMH4042 can be used in 5V-only, 3.3V-only and
mixed voltage systems. For mixed voltage systems, sim-
ply connect the appropriate bus and card power inputs as
indicated. The VSEL pin should be grounded.
For systems with a single power supply, connect VCC and
HST_3V_MON together to the bus power line. Also con-
nect CARD_3V_MON and CARD_5V_MON together to
the card side power. Now the state of VSEL determines
the reset level that will be used to signal valid power. For
3.3V systems, tie VSEL to VCC, for 5V systems, tie VSEL
to ground.
MONITORING POWER SUPPLY HEALTH
Monitor Inputs
The SMH4042 has a total of six comparators that are used
to monitor the health of the host platform supplies and the
card-side (backend) voltages. In hot swap applications
each supply going to the backend logic needs to be
monitored at three points.
The first point is at the source on the host connector, VCC
and HST_3V_MON. If this voltage is not within specifica-
tion, then the down stream sequencing of powering-on
the backend logic will not proceed.
The next stage (the CBI inputs) is one step closer to the
backend logic to monitor the current flowing into the
backend logic. This can not exceed the specification;
however, If it does, then the SMH4042 must turn off the
source to the backend logic.
The CARD_5V_MON and CARD_3V_MON inputs are
used to sense the actual voltage level in the backend
logic. If either comparator detects a low voltage condition
the backend logic will be placed in a reset condition
(LOCAL_PCI_RST# asserted), but the VGATE outputs
will remain active so long as the host voltage and current
sense are valid.
VCC vs. HST_3V_MON
The VCC input is the supply input and in a CompactPCI
application this pin must connect to an early power pin on
the host connector. The HST_3V_MON input is strictly a
voltage monitoring input, it is not a supply input. The
operating supply voltage range on the VCC pin is 2.7V to
5.5V, but it will only monitor a 5V supply. This is not an


同様の部品番号 - SMH4042S-AHM

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

同様の説明 - SMH4042S-AHM

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com