データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4042S-AHN データシート(PDF) 10 Page - Summit Microelectronics, Inc.

部品番号 SMH4042S-AHN
部品情報  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042S-AHN データシート(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMH4042S-AHN Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4042S-AHN Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
SMH4042
2037 8.0 8/8/00
issue with a dual supply application. But in a single supply
application these two pins must be shorted and VSEL
conditioned as explained above.
Programmable Vtrip Thresholds
The host voltage monitors and the backend voltage
monitors are programmable (by the factory) and provide
a number of options to the end user. The VCC monitor
VTRIP level can be selected for either a 5% or 10% supply
with default values of 4.25V or 4.625V. The
HST_3V_MON VTRIP level can be programmed to 2.65V,
2.8V, 2.95V and 3.1V.
The CARD_V_MON thresholds are set in relation to their
corresponding host voltage monitor thresholds. The off-
set can either be +50mV or -50mV. This allows the
designer to select (+50mV) if they want a collapse in the
backend voltage to trigger a local reset condition prior to
the host supply collapsing and powering down the board
without warning. Alternatively they can choose (-50mV) to
trigger a board shutdown based on the host power supply
falling out of spec.
Over-current Circuit Breaker
The SMH4042 provides a circuit breaker function to
protect against short circuit conditions or exceeding the
supply limits. By placing a series resistor between the host
supply and the CBI pins, the breakers will trip whenever
the voltage drop across the series resistor is greater than
50mV for more than 16µs.
The over-current detection circuit was designed to maxi-
mize protection while minimizing false alarms. The most
critical period of time is during the power-on sequence
when the backend circuits are first being energized. If the
card has a faulty component or shorted traces the time to
shut off should be minimal. However, if the board has
been operational for a long period of time the likelihood of
a catastrophic failure occurring is quite low. Therefore, the
SMH4042 employs two different sampling schemes.
During power-up the device will sample the current every
500ns. If eight consecutive overcurrent conditions are
detected the VGATE outputs will immediately be shut
down. This provides an effective response time of 4µs.
During normal operation, after the FETs have been turned
on, the sampling rate will be adjusted to 2µs, thus provid-
ing an effective response time of 16µs.
Reset Control
While in the power sequencing mode, the reset outputs
are the last to be released. When they are released all
conditions of a successful power-up sequence must have
been met.
VCC and HST_3V_MON are at or above their
respective VTRIP levels
+
BD-SEL# inputs are true
+
CARD_3V_MON and CARD_5V_MON inputs are at
or above their respective trip levels
+
PWR_EN input is pulled high
+
PCI_RST# is high
The PCI-RST# input must be high for the reset outputs to
be released. Assuming all of the conditions listed above
have been met and PCI_RST# is high and tPURST has
expired, a low input of greater than 40ns duration on the
PCI_RST# input will initiate a reset cycle. The duration of
the reset cycle will be determined by the PCI_RST# input.


同様の部品番号 - SMH4042S-AHN

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

同様の説明 - SMH4042S-AHN

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28