データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4042G-BHN データシート(PDF) 11 Page - Summit Microelectronics, Inc.

部品番号 SMH4042G-BHN
部品情報  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042G-BHN データシート(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMH4042G-BHN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4042G-BHN Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
2037 8.0 8/8/00
SMH4042
Figure 1. Sequence Flow Diagram
VCC
≥ 1V
SHUT OFF
VGATE5
VGATE3
DRVREN#
HEALTHY#
SGNL-VLD#
NO
YES
NO
YES
YES
NO
TURN ON
HEALTHY#
PCI_RST#
RELEASED?
RELEASE
RESETS
TURN ON
NO
YES
VSEL
HI ?
ASSERT
RESET
OUTPUTS
YES
HOST
3VOLT
OK?
NO
YES
HOST
5V & 3V
OK?
TURN-ON
VGATE5
VGATE3
DRVREN
START
tPURST
TIMER
NO
SGNL_VLD
BD_SEL1#
&
BD_SEL2#
CARD_5V_MON
CARD_3V_MON
tPURST
TIMEOUT?
YES
NO
2037 ILL14.2


同様の部品番号 - SMH4042G-BHN

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

同様の説明 - SMH4042G-BHN

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com