データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54AW データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 BAT54AW
部品情報  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAT54AW データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAT54AW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT54AW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT54AW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT54AW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-323 Plastic-Encapsulate Diodes
BAT54W/AW/CW/SW
SCHOTTKY BARRIER DIODE
FEATURES
Extremely Fast Switching Speed
Low forward voltage
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
200
mA
Non-repetitive Peak Forward Surge Current @
t=8.3ms
IFSM
600
mA
Repetitive Peak Forward Current @ t≤1s,δ≤0.5
IFRM
300
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
RΘJA
500
℃/W
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
30
V
Reverse current
IR
VR=25V
2
μA
Forward voltage
VF
IF1=0.1mA
0.24
V
IF2=1mA
0.32
V
IF3=10mA
0.40
V
IF4=30mA
0.50
V
IF5=100mA
1
V
Diode capacitance
CD
VR=0V,f=1MHz
10
pF
Reverse recovery time
trr
IF=IR=10mA
Irr=0.1×IR,RL=100Ω
5
ns
SOT-323
1
F,Oct,2015
www.cj-elec.com
MARKING:
BA
T54W
BA
T54AW
BA
T54CW
BA
T54SW
Solid dot = Green molding compound device,if none,
the normal device.


同様の部品番号 - BAT54AW

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAT54AW PANJIT-BAT54AW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
GUANGDONG HOTTECH INDUS...
BAT54AW HOTTECH-BAT54AW Datasheet
985Kb / 2P
   Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
BAT54AW RECTRON-BAT54AW Datasheet
92Kb / 2P
   SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
FutureWafer Tech Co.,Lt...
BAT54AW FUTUREWAFER-BAT54AW Datasheet
2Mb / 21P
   Surface Mount Schottky Barrier Diode
07-FEB-2022 V 2.2
logo
Unisonic Technologies
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
More results

同様の説明 - BAT54AW

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com