データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSF8N65C データシート(PDF) 4 Page - Thinki Semiconductor Co., Ltd.

部品番号 TSF8N65C
部品情報  7.5A,650V Insulated N-Channel Type Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TSF8N65C データシート(HTML) 4 Page - Thinki Semiconductor Co., Ltd.

  TSF8N65C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TSF8N65C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TSF8N65C Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. TSF8N65C Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. TSF8N65C Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. TSF8N65C Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
25
50
75
100
125
150
0
2
4
6
8
T
C' Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC( t) = 0. 88
/W M a x.
2 . D u ty F a c to r, D = t
1 /t2
3 . T
JM - T C = P DM * Z θ JC(t)
single pu ls e
D= 0 .5
0.02
0.2
0.0 5
0.1
0.01
t
1 , S q uar e W a v e P u ls e D u r a t ion [ s ec ]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 3.7 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
Fig 9. Maximum Safe Operating Area
Fig 10. Maximum Drain Current
vs. Case Temperature
Fig 7. Breakdown Voltage Variation
vs. Junction Temperature
Fig 8. On-Resistance Variation
vs. Junction Temperature
Fig 11. Transient Thermal Response Curve
®
TSF8N65C
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 4/6
Rev.05


同様の部品番号 - TSF8N65C

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSF8 ETC1-TSF8 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Cynergy3 Co
TSF80 CYNERGY3-TSF80 Datasheet
244Kb / 1P
   NPT External Mount with Temperature Sensing
logo
SHENZHEN DOINGTER SEMIC...
TSF830M DOINGTER-TSF830M Datasheet
979Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Token Electronics Indus...
TSF836D50-S9 TOKEN-TSF836D50-S9 Datasheet
476Kb / 14P
   Front End Filters
logo
Cynergy3 Co
TSF83H100D CYNERGY3-TSF83H100D Datasheet
244Kb / 1P
   NPT External Mount with Temperature Sensing
More results

同様の説明 - TSF8N65C

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
N6506NZ RENESAS-N6506NZ Datasheet
297Kb / 8P
   N-channel MOSFET 650V, 7.5A, 1.3
Jun 10, 2013
logo
Jiangsu Donghai Semicon...
B8NE65 WXDH-B8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
8NE65 WXDH-8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
I8NE65 WXDH-I8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
E8NE65 WXDH-E8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
logo
Nanjing International G...
NJ8N60 DGNJDZ-NJ8N60 Datasheet
530Kb / 7P
   7.5A 600V N-CHANNEL POWER MOSFET
logo
Central Semiconductor C...
PBCDM4-650CDM7_1509 CENTRAL-PBCDM4-650CDM7_1509 Datasheet
1Mb / 2P
   650V Medium Power MOSFETs
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com