データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431AIDCKT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL431AIDCKT
部品情報  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL431AIDCKT データシート(HTML) 4 Page - Texas Instruments

  TL431AIDCKT Datasheet HTML 1Page - Texas Instruments TL431AIDCKT Datasheet HTML 2Page - Texas Instruments TL431AIDCKT Datasheet HTML 3Page - Texas Instruments TL431AIDCKT Datasheet HTML 4Page - Texas Instruments TL431AIDCKT Datasheet HTML 5Page - Texas Instruments TL431AIDCKT Datasheet HTML 6Page - Texas Instruments TL431AIDCKT Datasheet HTML 7Page - Texas Instruments TL431AIDCKT Datasheet HTML 8Page - Texas Instruments TL431AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TL431, TL431A, TL431B, TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543A – AUGUST 2004 − REVISED AUGUST 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
Reel of 3000
TL431QDBVR
TBD
SOT-23-5 (DBV)
Reel of 250
TL431QDBVT
TBD
SOT-23-5 (DBV)
Reel of 3000
TL432QDBVR
TBD
−40
°C to 125°C
Reel of 250
TL432QDBVT
TBD
−40
°C to 125°C
Reel of 3000
TL431QDBZR
TBD
SOT-23-3 (DBZ)
Reel of 250
TL431QDBZT
TBD
SOT-23-3 (DBZ)
Reel of 3000
TL432QDBZR
TBD
Reel of 250
TL432QDBZT
TBD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ: The actual top-side marking has one additional character that designates the assembly/test site.
Vref TOLERANCE (25°C) = 1%
TL431A, TL432A ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431ACP
TL431ACP
SC-70 (DCK)
Reel of 3000
TL431ACDCKR
TBD
SC-70 (DCK)
Reel of 250
TL431ACDCKT
TBD
SOIC (D)
Tube of 75
TL431ACD
431AC
SOIC (D)
Reel of 2500
TL431ACDR
431AC
SOP (PS)
Reel of 2000
TL431ACPSR
T431A
Reel of 3000
TL431ACDBVR
TAC_
SOT-23-5 (DBV)
Reel of 250
TL431ACDBVT
TAC_
SOT-23-5 (DBV)
Reel of 3000
TL432ACDBVR
TAB_
0
°C to 70°C
Reel of 250
TL432ACDBVT
TAB_
0
°C to 70°C
Reel of 3000
TL431ACDBZR
TAC_
SOT-23-3 (DBZ)
Reel of 250
TL431ACDBZT
TAC_
SOT-23-3 (DBZ)
Reel of 3000
TL432ACDBZR
TAB_
Reel of 250
TL432ACDBZT
TAB_
SOT-89 (PK)
Reel of 1000
TL431ACPK
4A
Bulk of 1000
TL431ACLP
TL431AC
TO-226/TO-92 (LP)
Ammo of 2000
TL431ACLPM
TL431AC
TO-226/TO-92 (LP)
Reel of 2000
TL431ACLPR
TL431AC
TSSOP (PW)
Tube of 150
TL431ACPW
T431A
TSSOP (PW)
Reel of 2000
TL431ACPWR
T431A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.


同様の部品番号 - TL431AIDCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL431AIDCKT TI-TL431AIDCKT Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431AIDCKT TI1-TL431AIDCKT Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL431AIDCKT TI-TL431AIDCKT Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431AIDCKT TI1-TL431AIDCKT Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431AIDCKT TI-TL431AIDCKT Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

同様の説明 - TL431AIDCKT

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com