データシートサーチシステム |
|
SS-5GL111-2D データシート(PDF) 4 Page - Omron Electronics LLC |
|
SS-5GL111-2D データシート(HTML) 4 Page - Omron Electronics LLC |
4 / 8 page 4 SS Subminiature Basic Switch S S Terminals/Appearances (Unit: mm) Mounting Holes (Unit: mm) Characteristics Note. The data given above are initial values. *1. The values for dielectric strength shown are for models with a Separator (refer to "Micro Switch Common Accessories"). *2. The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel Position value for lever. Close or open circuit of the contact is 1ms max. *3. For testing conditions, consult your OMRON sales representative. Item Model SS-10 models SS-5 models SS-01 models Permissible operating speed 0.1 mm to 1 m/s (for pin plunger models) Permissible operating frequency Mechanical 400 operations/min Electrical 60 operations/min Insulation resistance 100 M Ω min. (at 500 VDC with insulation tester) Contact resistance (initial value) OF 1.47 N models 30 m Ω max. 50 m Ω max. OF 0.49 N models - 50 m Ω max. 100 m Ω max. OF 0.25 N models - 150 m Ω max. Dielectric strength *1 Between terminals of the same polarity 1,000 VAC 50/60 Hz for 1 min 600 VAC 50/60 Hz for 1 min Between current-carrying metal parts and ground 1,500 VAC 50/60 Hz for 1 min Between each terminals and non- current-carrying metal parts 1,500 VAC 50/60 Hz for 1 min Vibration resistance *2 Malfunction 10 to 55 Hz, 1.5 mm double amplitude Shock resistance Durability OF 1.47 N models 1,000 m/s2 {approx. 100G} max. OF 0.49 N models 500 m/s2 {approx. 50G} max. OF 0.25 N models 500 m/s2 {approx. 50G} max. Malfunction *2 OF 1.47 N models 300 m/s2 {approx. 30G} max. OF 0.49 N models 200 m/s2 {approx. 20G} max. OF 0.25 N models 200 m/s2 {approx. 20G} max. Durability *3 Mechanical 10,000,000 operations min. (60 operations/min) 30,000,000 operations min. (60 operations/min) Electrical 50,000 operations min. (30 operations/min) 200,000 operations min. (30 operations/min) Degree of protection IEC IP40 Degree of protection against electric shock Class I Proof tracking index (PTI) 175 Ambient operating temperature -25°C to +85°C (at ambient humidity of 60% max.) (with no icing or condensation) Ambient operating humidity 85% max. (for +5°C to +35°C) Weight Approx. 1.6g (pin plunger models) Ratings Note. The above rating values apply under the following test conditions. (1) Ambient temperature: 20 ±2°C (2) Ambient humidity: 65 ±5% (3) Operating frequency: 30 operations/min Approved Safety Standards Models shown in the "List of Models" are UL and CSA approved models. Note. Note that heat resistant models are not standard approved models. UL (UL1054)/CSA (CSA C22.2 No.55) Consult your OMRON sales representative for specific models with VDE standard approvals. VDE (EN61058-1) Testing conditions: 5E4 (50,000 operations) T85 (0°C to 85°C) Item Resistive load Model Rated voltage SS-10 models 250 VAC 10.1 A SS-5 models 125 VAC 250 VAC 5 A 3 A SS-01 models 125 VAC 0.1 A 30 VDC 0.1 A Rated voltage Model SS-10 SS-5 SS-01 125 VAC 250 VAC - 10.1 A 5 A 3 A 0.1 A - 30 VDC - - 0.1 A Rated voltage Model SS-10 SS-5 250 VAC 10 A 5 A ●Solder terminals ●Quick connect terminals (#110) ●PCB terminals <PCB Mounting Dimensions (Reference)> 2.9 1.6 0.5 8.8 7.3 19.8 3.2 6.4 6.4 3-1.6 dia. holes 9.5±0.1 2.9 1.6 8.8 7.3 19.8 3.2 2.8 7.1 10.6 3-1.2 dia. holes 9.5±0.1 0.5 2.9 1.6 8.8 7.3 19.8 3.3 3.2 1.2 0.5 0.6 7.0 t=0.5 9.5±0.1 0.5 16.1±0.1 8.8+0.15 -0.05 3-1.35~1.5 dia. (1.6) 9.5±0.1 2-2.4 dia. mounting holes or M2.3 screw holes |
同様の部品番号 - SS-5GL111-2D |
|
同様の説明 - SS-5GL111-2D |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |