データシートサーチシステム |
|
SS-5GL111-F データシート(PDF) 1 Page - Omron Electronics LLC |
|
SS-5GL111-F データシート(HTML) 1 Page - Omron Electronics LLC |
1 / 8 page 1 S S SS Subminiature Basic Switch Subminiature Basic Switch Offers High Reliability and Security ● The OMRON's best-selling micro switches of a wide variety from 0.1A to 10.1A. ● A variety of models are available, with operating force ranging from low to high. ● Two split springs ensure a high stability and durability of 30,000,000 operations. RoHS Compliant Model Number Legend List of Models ●Standard Models SS- @@@@@@ 1. Ratings 10 : 250 VAC 10.1A 5 : 125 VAC 5 A 01 : 30 VDC 0.1A 2. Actuator None : Pin plunger GL : Hinge lever GL111 : Long hinge lever GL13 : Simulated roller lever GL2 : Hinge roller lever GL02 : Hinge roller lever (Roller material: Stainless) heat-resistant 3. Maximum Operating Force (OF) None : 1.47 N {150 gf} -F : 0.49 N {50 gf} (0.1 A, 5 A) -E : 0.25 N {25 gf} (0.1 A) 123456 4. Contact form None : SPDT -2 : SPST-NC -3 : SPST-NO 5. Terminals None : Solder terminals T : Quick-connect terminals (#110) D : PCB terminals 6. Heat resistance None : Standard (85°C) -T : Heat-resistant (120°C) Note. These values are for the pin plunger models. Separator (Sold Separately), Terminal Connector (Sold Separately) Refer to "Basic Switch Common Accessories" Ratings 10.1 A 5 A 0.1 A Actuator Terminals Contact Form Maximum Operating Force (OF) Pin plunger Solder terminals SPDT 1.47 N {150 gf} SS-10 SS-5 SS-01 SPST-NC SS-10-2 SS-5-2 SS-01-2 SPST-NO SS-10-3 SS-5-3 SS-01-3 Quick-connect terminals (#110) SPDT SS-10T SS-5T SS-01T SPST-NC SS-10-2T SS-5-2T SS-01-2T SPST-NO SS-10-3T SS-5-3T SS-01-3T PCB terminals SPDT SS-10D SS-5D SS-01D SPST-NC SS-10-2D SS-5-2D SS-01-2D SPST-NO SS-10-3D SS-5-3D SS-01-3D Solder terminals SPDT 0.49 N {50 gf} - SS-5-F SS-01-F SPST-NC - SS-5-F-2 SS-01-F-2 SPST-NO - SS-5-F-3 SS-01-F-3 Quick-connect terminals (#110) SPDT - SS-5-FT SS-01-FT SPST-NC - SS-5-F-2T SS-01-F-2T SPST-NO - SS-5-F-3T SS-01-F-3T PCB terminals SPDT - SS-5-FD SS-01-FD SPST-NC - SS-5-F-2D SS-01-F-2D SPST-NO - SS-5-F-3D SS-01-F-3D Solder terminals SPDT 0.25 N {25 gf} -- SS-01-E SPST-NC - - SS-01-E-2 SPST-NO - - SS-01-E-3 Quick-connect terminals (#110) SPDT -- SS-01-ET SPST-NC - - SS-01-E-2T SPST-NO - - SS-01-E-3T PCB terminals SPDT -- SS-01-ED SPST-NC - - SS-01-E-2D SPST-NO - - SS-01-E-3D |
同様の部品番号 - SS-5GL111-F |
|
同様の説明 - SS-5GL111-F |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |