データシートサーチシステム |
|
SS-5GL111T-T データシート(PDF) 5 Page - Omron Electronics LLC |
|
SS-5GL111T-T データシート(HTML) 5 Page - Omron Electronics LLC |
5 / 8 page 5 SS Subminiature Basic Switch S S Dimensions (Unit: mm) and Operating Characteristics The illustrations and drawings are for solder terminals models. Refer to "Terminals/Appearances" of the previous page for details on models with quick connect terminals (#110) or PCB terminals. Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions. Note 2. The operating characteristics are for operation in the A direction ( ). ●Pin plunger SS-10 SS-5 (-F) SS-01 (-E, -F) Model Operating Characteristics SS-10 SS-5 SS-01 SS-5-F SS-01-F SS-01-E Operating Force OF Max. Releasing Force RF Min. 1.47 N {150 gf} 0.25 N {25 gf} 1.47 N {150 gf} 0.25 N {25 gf} 0.49 N {50 gf} 0.04 N {4 gf} 0.25 N {25 gf} 0.02 N {2 gf} Pretravel PT Max. Overtravel OT Min. Movement Differential MD Max. 0.6 mm 0.4 mm 0.12 mm 0.5 mm 0.5 mm 0.1 mm 0.5 mm 0.5 mm 0.1 mm 0.5 mm 0.5 mm 0.1 mm Operating Position OP 8.4 ±0.5 mm 2.9 OP PT 1.6 0.5 8.8 7.3 19.8 3.2 3.2 6.4 6.4 3-1.6 dia. holes 9.5±0.1 2.5±0.07 dia. 2.35+0.075 dia. holes -0.05 2.35+0.075 -0.05 9.5 10.2 7.5 2 2.5 A 5.1 ●Hinge lever SS-10GL SS-5GL (-F) SS-01GL (-E, -F) 2.9 OP FP 1.6 8.8 5.1 7.3 19.8 3.2 3.6 6.4 6.4 3-1.6 dia. holes 9.5±0.1 2.5±0.07 dia. 2.35+0.075 dia. holes -0.05 2.35+0.075 -0.05 9.5 10.2 14.5 2.5 A t=0.3* * Stainless-steel lever 0.5 Model Operating Characteristics SS-10GL SS-5GL SS-01GL SS-5GL-F SS-01GL-F SS-01GL-E Operating Force OF Max. Releasing Force RF Min. 0.49 N {50 gf} 0.06 N {6 gf} 0.49 N {50 gf} 0.06 N {6 gf} 0.16 N {16 gf} 0.02 N {2 gf} 0.08 N {8 gf} 0.01 N {1 gf} (reference value) Overtravel OT Min. Movement Differential MD Max. 1.0 mm 1.0 mm 1.2 mm 0.8 mm 1.2 mm 0.8 mm 1.2 mm 0.8 mm Free Position FP Max. Operating Position OP 13.6 mm 8.8 ±0.8 mm Note. The indicated reference values of RF are for cases where the lever weight is not applied to the plunger. C NO NC 2.9 OP FP 1.6 8.8 5.1 7.3 19.8 3.2 3.6 6.4 6.4 3-1.6 dia. holes 9.5±0.1 2.5±0.07 dia. 2.35+0.075 dia. holes -0.05 2.35+0.075 -0.05 9.5 10.2 22.6 2.5 A t=0.3* * Stainless-steel lever 0.5 ●Long hinge lever SS-10GL111 SS-5GL111 (-F) SS-01GL111 (-E, -F) Model Operating Characteristics SS-10GL111 SS-5GL111 SS-01GL111 SS-5GL111-F SS-01GL111-F SS-01GL111-E Operating Force OF Max. Releasing Force RF Min. 0.39 N {40 gf} 0.03 N {3 gf} 0.39 N {40 gf} 0.03 N {3 gf} 0.12 N {12 gf} 0.02 N {2 gf} (reference value) 0.06 N {6 gf} 0.003 N {0.3 gf} (reference value) Overtravel OT Min. Movement Differential MD Max. 1.2 mm 1.2 mm 1.2 mm 1.2 mm 1.2 mm 1.2 mm 1.2 mm 1.2 mm Free Position FP Max. 16.8 mm Operating Position OP 8.8 ±1.5 mm 8.8 ±2 mm Note. The indicated reference values of RF are for cases where the lever weight is not applied to the plunger. |
同様の部品番号 - SS-5GL111T-T |
|
同様の説明 - SS-5GL111T-T |