データシートサーチシステム |
|
SS-5GL111D- データシート(PDF) 3 Page - Omron Electronics LLC |
|
SS-5GL111D- データシート(HTML) 3 Page - Omron Electronics LLC |
3 / 8 page 3 SS Subminiature Basic Switch S S ●Heat Resistant Models Contact Form Contact Specifications * Please refer to " ●Using Micro Loads" in "Precautions" for more information on the minimum applicable load. Ratings 10.1 A 5 A 0.1 A Actuator Terminals Contact Form Maximum Operating Force (OF) Hinge roller lever Solder terminals SPDT 0.49 N {50 gf} SS-10GL2 SS-5GL2 SS-01GL2 SPST-NC SS-10GL2-2 SS-5GL2-2 SS-01GL2-2 SPST-NO SS-10GL2-3 SS-5GL2-3 SS-01GL2-3 Quick-connect terminals (#110) SPDT SS-10GL2T SS-5GL2T SS-01GL2T SPST-NC SS-10GL2-2T SS-5GL2-2T SS-01GL2-2T SPST-NO SS-10GL2-3T SS-5GL2-3T SS-01GL2-3T PCB terminals SPDT SS-10GL2D SS-5GL2D SS-01GL2D SPST-NC SS-10GL2-2D SS-5GL2-2D SS-01GL2-2D SPST-NO SS-10GL2-3D SS-5GL2-3D SS-01GL2-3D Solder terminals SPDT 0.16 N {16 gf} - SS-5GL2-F SS-01GL2-F SPST-NC - SS-5GL2-F-2 SS-01GL2-F-2 SPST-NO - SS-5GL2-F-3 SS-01GL2-F-3 Quick-connect terminals (#110) SPDT - SS-5GL2-FT SS-01GL2-FT SPST-NC - SS-5GL2-F-2T SS-01GL2-F-2T SPST-NO - SS-5GL2-F-3T SS-01GL2-F-3T PCB terminals SPDT - SS-5GL2-FD SS-01GL2-FD SPST-NC - SS-5GL2-F-2D SS-01GL2-F-2D SPST-NO - SS-5GL2-F-3D SS-01GL2-F-3D Solder terminals SPDT 0.08 N {8 gf} - - SS-01GL2-E SPST-NC - - SS-01GL2-E-2 SPST-NO - - SS-01GL2-E-3 Quick-connect terminals (#110) SPDT - - SS-01GL2-ET SPST-NC - - SS-01GL2-E-2T SPST-NO - - SS-01GL2-E-3T PCB terminals SPDT - - SS-01GL2-ED SPST-NC - - SS-01GL2-E-2D SPST-NO - - SS-01GL2-E-3D Ratings 10.1 A 5 A 0.1 A Actuator Terminals ContactForm Maximum Operating Force (OF) Pin plunger Solder terminals SPDT 1.47 N {150 gf} SS-10-T SS-5-T SS-01-T Quick-connect terminals (#110) SS-10T-T SS-5T-T SS-01T-T PCB terminals SS-10D-T SS-5D-T SS-01D-T Hinge lever Solder terminals 0.49 N {50 gf} SS-10GL-T SS-5GL-T SS-01GL-T Quick-connect terminals (#110) SS-10GLT-T SS-5GLT-T SS-01GLT-T PCB terminals SS-10GLD-T SS-5GLD-T SS-01GLD-T Long hinge lever Solder terminals 0.39 N {40 gf} SS-10GL111-T SS-5GL111-T SS-01GL111-T Quick-connect terminals (#110) SS-10GL111T-T SS-5GL111T-T SS-01GL111T-T PCB terminals SS-10GL111D-T SS-5GL111D-T SS-01GL111D-T Simulated roller lever Solder terminals 0.49 N {50 gf} SS-10GL13-T SS-5GL13-T SS-01GL13-T Quick-connect terminals (#110) SS-10GL13T-T SS-5GL13T-T SS-01GL13T-T PCB terminals SS-10GL13D-T SS-5GL13D-T SS-01GL13D-T Hinge roller lever (Roller material: stainless steel) Solder terminals 0.49 N {50 gf} SS-10GL02-T SS-5GL02-T SS-01GL02-T Quick-connect terminals (#110) SS-10GL02T-T SS-5GL02T-T SS-01GL02T-T PCB terminals SS-10GL02D-T SS-5GL02D-T SS-01GL02D-T ●SPDT ●SPST-NC ●SPST-NO COM NO NC COM NC COM NO Item Model SS-10 models SS-5 models SS-01 models Contact Specification Rivet Crossbar Material Silver alloy Silver Gold alloy Gap (standard value) 0.5 mm 0.25 mm Inrush current NC 20 A max. 1 A max. NO 15 A max. 10 A max. 1 A max. Minimum applicable load (reference value)* 5 VDC 160 mA 5 VDC 1 mA Separator (Sold Separately), Terminal Connector (Sold Separately) Refer to "Basic Switch Common Accessories" |
同様の部品番号 - SS-5GL111D- |
|
同様の説明 - SS-5GL111D- |