データシートサーチシステム |
|
SS-5GL111D- データシート(PDF) 6 Page - Omron Electronics LLC |
|
SS-5GL111D- データシート(HTML) 6 Page - Omron Electronics LLC |
6 / 8 page 6 SS Subminiature Basic Switch S S Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions. Note 2. The operating characteristics are for operation in the A direction ( ). ●Simulated roller lever SS-10GL13 SS-5GL13 (-F) SS-01GL13 (-E, -F) 2.9 OP FP 1.6 8.8 5.1 7.3 19.8 3.2 6.4 6.4 3-1.6 dia. holes 9.5±0.1 2.5±0.07 dia. 2.35+0.075 dia. holes -0.05 2.35+0.075 -0.05 9.5 10.2 15.8 2.5 A R1.3 t=0.3* * Stainless-steel lever 3.6 0.5 Model Operating Characteristics SS-10GL13 SS-5GL13 SS-01GL13 SS-5GL13-F SS-01GL13-F SS-01GL13-E Operating Force OF Max. Releasing Force RF Min. 0.49 N {50 gf} 0.06 N {6 gf} 0.49 N {50 gf} 0.06 N {6 gf} 0.16 N {16 gf} 0.02 N {2 gf} 0.08 N {8 gf} 0.01 N {1 gf} (reference value) Overtravel OT Min. Movement Differential MD Max. 1.0 mm 1.0 mm 1.2 mm 0.8 mm 1.2 mm 0.8 mm 1.2 mm 0.8 mm Free Position FP Max. Operating Position OP 15.5 mm 10.7 ±0.8 mm Note. The indicated reference values of RF are for cases where the lever weight is not applied to the plunger. 2.9 OP FP 1.6 8.8 5.1 7.3 19.8 3.2 6.4 6.4 3-1.6 dia. holes 9.5±0.1 2.5±0.07 dia. 2.35+0.075 dia. holes -0.05 2.35+0.075 -0.05 9.5 10.2 14.5 4.8x3.2 dia. *2 2.5 A t=0.3 * 1 *1. Stainless-steel lever *2. Polyacetal resin roller 0.5 Model Operating Characteristics SS-10GL2 SS-5GL2 SS-01GL2 SS-5GL2-F SS-01GL2-F SS-01GL2-E Operating Force OF Max. Releasing Force RF Min. 0.49 N {50 gf} 0.06 N {6 gf} 0.49 N {50 gf} 0.06 N {6 gf} 0.16 N {16 gf} 0.02 N {2 gf} 0.08 N {8 gf} 0.01 N {1 gf} (reference value) Overtravel OT Min. Movement Differential MD Max. 1.0 mm 1.0 mm 1.2 mm 0.8 mm 1.2 mm 0.8 mm 1.2 mm 0.8 mm Free Position FP Max. Operating Position OP 19.3mm 14.5 ±0.8mm Note. The indicated reference values of RF are for cases where the lever weight is not applied to the plunger. ●Hinge roller lever SS-10GL2 SS-5GL2 (-F) SS-01GL2 (-E, -F) |
同様の部品番号 - SS-5GL111D- |
|
同様の説明 - SS-5GL111D- |