データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2118 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 2SK2118
部品情報  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK2118 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK2118 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK2118 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK2118
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 10mA
600
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=1mA
2.0
3.0
V
VSD
Diode Forward On-voltage
IS= 5.0A;VGS= 0
0.9
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 2.5A
1.1
1.5
Ω
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
±10
µA
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS= 0
250
µA
Ciss
Input Capacitance
VDS=10V;
VGS=0V;
fT=1MHz
1000
pF
Crss
Reverse Transfer Capacitance
45
Coss
Output Capacitance
250
tr
Rise Time
ID=2.5A;
VDD=10V;
RL=12Ω
45
ns
td(on)
Turn-on Delay Time
12
tf
Fall Time
55
td(off)
Turn-off Delay Time
105
PDF pdfFactory Pro
www.fineprint.cn


同様の部品番号 - 2SK2118

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK2118 HITACHI-2SK2118 Datasheet
29Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK2118 RENESAS-2SK2118 Datasheet
997Kb / 9P
   Silicon N Channel MOS FET
Sep 07, 2005
More results

同様の説明 - 2SK2118

メーカー部品番号データシート部品情報
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com