データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-156-1C25-T データシート(PDF) 8 Page - Omron Electronics LLC

部品番号 V-156-1C25-T
部品情報  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-156-1C25-T データシート(HTML) 8 Page - Omron Electronics LLC

Back Button V-156-1C25-T Datasheet HTML 4Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 5Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 6Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 7Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 8Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 9Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 10Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 11Page - Omron Electronics LLC V-156-1C25-T Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
V
Miniature Basic Switch
V
Simulated roller
lever
Solder terminals
(A)
SPDT
2.45N
V-154-1A6
---
V-154-1A6-T
---
SPST-NC
V-154-2A6
---
---
---
SPST-NO
V-154-3A6
---
---
---
SPDT
1.23N
V-154-1A5
V-104-1A5
V-154-1A5-T
V-104-1A5-T
SPST-NC
V-154-2A5
V-104-2A5
---
---
SPST-NO
V-154-3A5
V-104-3A5
---
---
SPDT
0.59N
---
V-104-1A4
---
V-104-1A4-T
SPST-NC
---
V-104-2A4
---
---
SPST-NO
---
V-104-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
V-154-1C26
---
V-154-1C26-T
---
SPST-NC
V-154-2C26
---
---
---
SPST-NO
V-154-3C26
---
---
---
SPDT
1.23N
V-154-1C25
V-104-1C25
V-154-1C25-T
V-104-1C25-T
SPST-NC
V-154-2C25
V-104-2C25
---
---
SPST-NO
V-154-3C25
V-104-3C25
---
---
SPDT
0.59N
---
V-104-1C24
---
V-104-1C24-T
SPST-NC
---
V-104-2C24
---
---
SPST-NO
---
V-104-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-154-1C6
---
V-154-1C6-T
---
SPST-NC
V-154-2C6
---
---
---
SPST-NO
V-154-3C6
---
---
---
SPDT
1.23N
V-154-1C5
V-104-1C5
V-154-1C5-T
V-104-1C5-T
SPST-NC
V-154-2C5
V-104-2C5
---
---
SPST-NO
V-154-3C5
V-104-3C5
---
---
SPDT
0.59N
---
V-104-1C4
---
V-104-1C4-T
SPST-NC
---
V-104-2C4
---
---
SPST-NO
---
V-104-3C4
---
---
Short hinge roller
lever
Solder terminals
(A)
SPDT
4.71N
V-155-1A6
---
V-155-1A6-T
---
SPST-NC
V-155-2A6
---
---
---
SPST-NO
V-155-3A6
---
---
---
SPDT
2.35N
V-155-1A5
V-105-1A5
V-155-1A5-T
V-105-1A5-T
SPST-NC
V-155-2A5
V-105-2A5
---
---
SPST-NO
V-155-3A5
V-105-3A5
---
---
SPDT
1.18N
---
V-105-1A4
---
V-105-1A4-T
SPST-NC
---
V-105-2A4
---
---
SPST-NO
---
V-105-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
4.71N
V-155-1C26
---
V-155-1C26-T
---
SPST-NC
V-155-2C26
---
---
---
SPST-NO
V-155-3C26
---
---
---
SPDT
2.35N
V-155-1C25
V-105-1C25
V-155-1C25-T
V-105-1C25-T
SPST-NC
V-155-2C25
V-105-2C25
---
---
SPST-NO
V-155-3C25
V-105-3C25
---
---
SPDT
1.18N
---
V-105-1C24
---
V-105-1C24-T
SPST-NC
---
V-105-2C24
---
---
SPST-NO
---
V-105-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
4.71N
V-155-1C6
---
V-155-1C6-T
---
SPST-NC
V-155-2C6
---
---
---
SPST-NO
V-155-3C6
---
---
---
SPDT
2.35N
V-155-1C5
V-105-1C5
V-155-1C5-T
V-105-1C5-T
SPST-NC
V-155-2C5
V-105-2C5
---
---
SPST-NO
V-155-3C5
V-105-3C5
---
---
SPDT
1.18N
---
V-105-1C4
---
V-105-1C4-T
SPST-NC
---
V-105-2C4
---
---
SPST-NO
---
V-105-3C4
---
---
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


同様の部品番号 - V-156-1C25-T

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-156-1A5-T OMRON-V-156-1A5-T Datasheet
1Mb / 16P
   Snap Action Switch
V-156-1A5-T OMRON-V-156-1A5-T Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-156-1A5-T OMRON-V-156-1A5-T Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
More results

同様の説明 - V-156-1C25-T

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com