データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX11312 データシート(PDF) 18 Page - Maxim Integrated Products

部品番号 MAX11312
部品情報  PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11312 データシート(HTML) 18 Page - Maxim Integrated Products

Back Button MAX11312 Datasheet HTML 14Page - Maxim Integrated Products MAX11312 Datasheet HTML 15Page - Maxim Integrated Products MAX11312 Datasheet HTML 16Page - Maxim Integrated Products MAX11312 Datasheet HTML 17Page - Maxim Integrated Products MAX11312 Datasheet HTML 18Page - Maxim Integrated Products MAX11312 Datasheet HTML 19Page - Maxim Integrated Products MAX11312 Datasheet HTML 20Page - Maxim Integrated Products MAX11312 Datasheet HTML 21Page - Maxim Integrated Products MAX11312 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
MAX11312
PIXI, 12-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 18
Pin Configuration
Pin Description
MAX11312
TQFN
5mm x 5mm
TOP VIEW
PORT8
PORT9
PORT10
PORT0
AGND
AVDD
D0N
PORT11
D0P
DGND
DAC_REF
+
AVDDIO
D1P
AGND1
D1N
PORT7
16
15
14
13
12
11
10
9
17
18
19
20
21
22
23
24
26
25
27
28
29
30
31
32
8
7
6
5
4
3
2
1
PIN
NAME
FUNCTION
1
DVDD
Positive Digital Supply
2
SDA
Serial Interface Input and Output
3
SCL
Serial Interface Clock Input
4
AD0
Slave Address Bit 0
5
AD1
Slave Address Bit 1
6
INT
Interrupt Open-Drain Output. Active-low.
7
CNVT
ADC Trigger Control Input. Active-low.


同様の部品番号 - MAX11312

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX11312 MAXIM-MAX11312 Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
MAX11312 MAXIM-MAX11312 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ++ MAXIM-MAX11312GTJ+ Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ+T MAXIM-MAX11312GTJ+T Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312PMB MAXIM-MAX11312PMB Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
More results

同様の説明 - MAX11312

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX11311 MAXIM-MAX11311 Datasheet
3Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Rev 0; 12/15
MAX11312 MAXIM-MAX11312_V01 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11301 MAXIM-MAX11301_V01 Datasheet
2Mb / 55P
   PIXI, 20-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
   8-Bit 12-Ch I/O DAC
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com