データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDEP15D90T150NP-220MC-125 データシート(PDF) 2 Page - Sumida Corporation

部品番号 CDEP15D90T150NP-220MC-125
部品情報  Low-Profile High Current Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMIDA [Sumida Corporation]
ホームページ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP15D90T150NP-220MC-125 データシート(HTML) 2 Page - Sumida Corporation

  CDEP15D90T150NP-220MC-125 Datasheet HTML 1Page - Sumida Corporation CDEP15D90T150NP-220MC-125 Datasheet HTML 2Page - Sumida Corporation CDEP15D90T150NP-220MC-125 Datasheet HTML 3Page - Sumida Corporation CDEP15D90T150NP-220MC-125 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low-Profile High Current Power Inductor
CDEP15D90/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver.1.0 2016.03.14
www.sumida.com
Electrical Characteristics: Standard Types
Part No.
Inductance
(μH) (±20%)
※1
D.C.R (mΩ)
(±20%)
Saturation Current (A)
※2
Temperature Rise current
(A) ※3
at 20
at 150
CDEP15D90T150NP-4R7MC-125
4.70
3.50
17.0
11.8
16.5
CDEP15D90T150NP-6R2MC-125
6.20
4.90
14.8
10.4
14.8
CDEP15D90T150NP-100MC-125
10.0
7.90
12.0
8.40
12.5
CDEP15D90T150NP-125MC-125
12.5
8.90
10.2
7.60
12.2
CDEP15D90T150NP-150MC-125
15.0
10.6
9.60
6.70
8.50
CDEP15D90T150NP-220MC-125
22.0
14.5
7.70
5.30
7.50
Electrical Characteristics: High Power Types
Part No.
Inductance
(μH) (±20%)
※1
D.C.R (mΩ)
(±20%)
Saturation Current (A)
※2
Temperature Rise current
(A) ※3
at 20
at 150
CDEP15D90T150NP-4R7MC-100
4.70
4.90
19.2
13.3
14.8
CDEP15D90T150NP-6R2MC-100
6.80
5.50
16.3
11.0
13.5
CDEP15D90T150NP-100MC-100
10.0
8.90
13.0
9.30
12.2
CDEP15D90T150NP-125MC-100
12.5
10.6
12.0
8.20
8.50
CDEP15D90T150NP-150MC-100
15.0
13.4
10.7
7.70
8.00
CDEP15D90T150NP-220MC-100
22.0
20.1
8.80
6.00
6.50
※ 1 Measuring frequency at 100kHz 0.1V
※ 2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its
nominal value.
※ 3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40°C
(Ta=20°C).
Please note that when using the product while applying current with audio-frequency (AF) signals may results in audible
noises due to magnetostriction. Also, in order to avoid an audible noise problem, operating with non-AF signals would be
recommended. The noise amplify depending on the coil mount area on the PCB.


同様の部品番号 - CDEP15D90T150NP-220MC-125

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CDEP15D90T150NP-220MC-125 SUMIDA-CDEP15D90T150NP-220MC-125 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
More results

同様の説明 - CDEP15D90T150NP-220MC-125

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CDMC60D28T150 SUMIDA-CDMC60D28T150 Datasheet
339Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150 SUMIDA-CDEP15D90T150 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
CDEP13D76T150 SUMIDA-CDEP13D76T150 Datasheet
475Kb / 6P
   Low-Profile High Current Power Inductor
logo
Vishay Siliconix
IHLW-4040CF-11 VISHAY-IHLW-4040CF-11 Datasheet
171Kb / 4P
   Low Profile, High Current Inductor
Revision: 21-Dec-17
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_06 Datasheet
166Kb / 5P
   Low Profile, High Current Inductor
Revision: 10-Aug-06
IHLP-2525CZ-01 VISHAY-IHLP-2525CZ-01_08 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision: 10-Aug-06
IHLP2525CZERR20M01 VISHAY-IHLP2525CZERR20M01 Datasheet
134Kb / 4P
   Low Profile, High Current Inductor
Revision: 17-Feb-06
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
IHLP4040DZERR47M11 VISHAY-IHLP4040DZERR47M11 Datasheet
137Kb / 4P
   Low Profile, High Current Inductor
Revision: 04-Jan-08
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com