データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431BQDBZT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL431BQDBZT
部品情報  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL431BQDBZT データシート(HTML) 5 Page - Texas Instruments

  TL431BQDBZT Datasheet HTML 1Page - Texas Instruments TL431BQDBZT Datasheet HTML 2Page - Texas Instruments TL431BQDBZT Datasheet HTML 3Page - Texas Instruments TL431BQDBZT Datasheet HTML 4Page - Texas Instruments TL431BQDBZT Datasheet HTML 5Page - Texas Instruments TL431BQDBZT Datasheet HTML 6Page - Texas Instruments TL431BQDBZT Datasheet HTML 7Page - Texas Instruments TL431BQDBZT Datasheet HTML 8Page - Texas Instruments TL431BQDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TL431, TL431A, TL431B, TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543A – AUGUST 2004 − REVISED AUGUST 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
Vref TOLERANCE (25°C) = 1%
TL431A, TL432A ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431AIP
TL431AIP
SC-70 (DCK)
Reel of 3000
TL431AIDCKR
TBD
SC-70 (DCK)
Reel of 250
TL431AIDCKT
TBD
SOIC (D)
Tube of 75
TL431AID
431AI
SOIC (D)
Reel of 2500
TL431AIDR
431AI
Reel of 3000
TL431AIDBVR
TAI_
SOT-23-5 (DBV)
Reel of 250
TL431AIDBVT
TAI_
SOT-23-5 (DBV)
Reel of 3000
TL432AIDBVR
T4A_
−40
°C to 85°C
Reel of 250
TL432AIDBVT
T4A_
−40 C to 85 C
Reel of 3000
TL431AIDBZR
TAI_
SOT-23-3 (DBZ)
Reel of 250
TL431AIDBZT
TAI_
SOT-23-3 (DBZ)
Reel of 3000
TL432AIDBZR
T4A_
Reel of 250
TL432AIDBZT
T4A_
SOT-89 (PK)
Reel of 1000
TL431AIPK
4B
Bulk of 1000
TL431AILP
TO-226/TO-92 (LP)
Ammo of 2000
TL431AILPM
TL431AI
TO-226/TO-92 (LP)
Reel of 2000
TL431AILPR
TL431AI
Reel of 3000
TL431AQDBVR
TBD
SOT-23-5 (DBV)
Reel of 250
TL431AQDBVR
TBD
SOT-23-5 (DBV)
Reel of 3000
TL432AQDBVR
TBD
−40
°C to 125°C
Reel of 250
TL432AQDBVT
TBD
−40
°C to 125°C
Reel of 3000
TL431AQDBZR
TBD
SOT-23-3 (DBZ)
Reel of 250
TL431AQDBZT
TBD
SOT-23-3 (DBZ)
Reel of 3000
TL432AQDBZR
TBD
Reel of 250
TL432AQDBZT
TBD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.


同様の部品番号 - TL431BQDBZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL431BQDBZT TI-TL431BQDBZT Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BQDBZT TI1-TL431BQDBZT Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431BQDBZT TI-TL431BQDBZT Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BQDBZT TI-TL431BQDBZT Datasheet
3Mb / 83P
[Old version datasheet]   TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
TL431BQDBZT TI-TL431BQDBZT Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

同様の説明 - TL431BQDBZT

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com