データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431BQDBZT データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL431BQDBZT
部品情報  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL431BQDBZT データシート(HTML) 6 Page - Texas Instruments

Back Button TL431BQDBZT Datasheet HTML 2Page - Texas Instruments TL431BQDBZT Datasheet HTML 3Page - Texas Instruments TL431BQDBZT Datasheet HTML 4Page - Texas Instruments TL431BQDBZT Datasheet HTML 5Page - Texas Instruments TL431BQDBZT Datasheet HTML 6Page - Texas Instruments TL431BQDBZT Datasheet HTML 7Page - Texas Instruments TL431BQDBZT Datasheet HTML 8Page - Texas Instruments TL431BQDBZT Datasheet HTML 9Page - Texas Instruments TL431BQDBZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TL431, TL431A, TL431B, TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543A – AUGUST 2004 − REVISED AUGUST 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431BCP
TL431BCP
SC-70 (DCK)
Reel of 3000
TL431BCDCKR
TBD
SC-70 (DCK)
Reel of 250
TL431BCDCKT
TBD
SOIC (D)
Tube of 75
TL431BCD
T431B
SOIC (D)
Reel of 2500
TL431BCDR
T431B
SOP (PS)
Reel of 2000
TL431BCPSR
TL431B
Reel of 3000
TL431BCDBVR
T3G_
SOT-23-5 (DBV)
Reel of 250
TL431BCDBVT
T3G_
SOT-23-5 (DBV)
Reel of 3000
TL432BCDBVR
TBC_
0
°C to 70°C
Reel of 250
TL432BCDBVT
TBC_
0
°C to 70°C
Reel of 3000
TL431BCDBZR
T3G_
SOT-23-3 (DBZ)
Reel of 250
TL431BCDBZT
T3G_
SOT-23-3 (DBZ)
Reel of 3000
TL432BCDBZR
TBC_
Reel of 250
TL432BCDBZT
TBC_
SOT-89 (PK)
Reel of 1000
TL431BCPK
4C
Bulk of 1000
TL431BCLP
TO-226/TO-92 (LP)
Ammo of 2000
TL431BCLPM
TL431B
TO-226/TO-92 (LP)
Reel of 2000
TL431BCLPR
TL431B
TSSOP (PW)
Tube of 150
TL431BCPW
T431B
TSSOP (PW)
Reel of 2000
TL431BCPWR
T431B
PDIP (P)
Tube of 50
TL431BIP
TL431BIP
SC-70 (DCK)
Reel of 3000
TL431BIDCKR
TBD
SC-70 (DCK)
Reel of 250
TL431BIDCKT
TBD
SOIC (D)
Tube of 75
TL431BID
Z431B
SOIC (D)
Reel of 2500
TL431BIDR
Z431B
Reel of 3000
TL431BIDBVR
T3F_
SOT-23-5 (DBV)
Reel of 250
TL431BIDBVT
T3F_
−40
°C to 85°C
SOT-23-5 (DBV)
Reel of 3000
TL432BIDBVR
T4F_
−40
°C to 85°C
Reel of 250
TL432BIDBVT
T4F_
Reel of 3000
TL431BIDBZR
T3F_
SOT-23-3 (DBZ)
Reel of 250
TL431BIDBZT
T3F_
SOT-23-3 (DBZ)
Reel of 3000
TL432BIDBZR
T4F_
Reel of 250
TL432IBDBZT
T4F_
SOT-89 (PK)
Reel of 1000
TL431BIPK
4I
TO-226/TO-92 (LP)
Bulk of 1000
TL431BILP
Z431B
TO-226/TO-92 (LP)
Reel of 2000
TL431BILPR
Z431B
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.


同様の部品番号 - TL431BQDBZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL431BQDBZT TI-TL431BQDBZT Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BQDBZT TI1-TL431BQDBZT Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431BQDBZT TI-TL431BQDBZT Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BQDBZT TI-TL431BQDBZT Datasheet
3Mb / 83P
[Old version datasheet]   TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
TL431BQDBZT TI-TL431BQDBZT Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

同様の説明 - TL431BQDBZT

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com