データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS-V-3-02-B データシート(PDF) 1 Page - Coto Technology

部品番号 LS-V-3-02-B
部品情報  Liquid Level Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COTO [Coto Technology]
ホームページ  http://www.cotorelay.com
Logo COTO - Coto Technology

LS-V-3-02-B データシート(HTML) 1 Page - Coto Technology

  LS-V-3-02-B Datasheet HTML 1Page - Coto Technology LS-V-3-02-B Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The SRC Devices range of Vertical Liquid Level Sensors have been designed for use
with many types of fluid to reliability indicate high or low levels depending on mounting
position. They are manufactured with 10W or 70W (high power) contacts and are easily
mounted from inside the tank. The complete range carry UL approval (pending).
FEATURES
•Compact Size
•Fast Fitting
•NO or NC by rotating 180 degrees
•10W or 70W contacts
•Materials to suit most fluids
•Custom Design Available
•UL approved (pending)
LSV
Unit
Parameters
Dimensions
Length
Width
Height
Wire Length
Wire Color
Wire AWG
Specifications
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Contact Resistance
Contact Material
Electrical Ratings
Insulation Resistance
Operate Time
Release Time
Contact Life
Enviromental Ratings
Operating Temperature
Storage temperature
Vibration Resistance
Shock Resistance
Weight
Switch Type
mm
mm
mm
mm
AWG
VDC
A
A
VA
Max. Ohms
Ohms
ms
ms
Ops
°C
°C
Gs
Gs
g
35
-
-
250
Black and Red
24
200
0.5
1.5
10
0.10
Ru
1 x1011
0.5
0.2
1 x 109
-20 to +85
-20 to +85
20
30
9.7
DYAD
Switch 01
Switch 02
35
-
-
250
Black and Red
24
200/300
1.5
2.5
70
0.10
Rh
1 x1012
0.8
0.1
1 x 109
-20 to +85
-20 to +85
20
30
49
PR126
Liquid Level Sensor
DESCRIPTION
SPECIFICATIONS
Details provided on this datasheet are subject to change without notice


同様の部品番号 - LS-V-3-02-B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LS-V1.0TL ETC2-LS-V1.0TL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
LS-V2.0TL ETC2-LS-V2.0TL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
LS-V3.0TL ETC2-LS-V3.0TL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
More results

同様の説明 - LS-V-3-02-B

メーカー部品番号データシート部品情報
logo
Coto Technology
LSH COTO-LSH Datasheet
131Kb / 2P
   Liquid Level Sensor
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
   LIQUID LEVEL SENSOR
logo
Littelfuse
460-15-100-LLS LITTELFUSE-460-15-100-LLS Datasheet
201Kb / 2P
   Single-Channel Liquid Level Sensor
2019 Rev: 2-B-043019
logo
Standex Electronics, In...
LS02-1B66-PP-5000W STANDEX-LS02-1B66-PP-5000W Datasheet
125Kb / 1P
   LS02 Series Liquid Level Sensor
Rev.03
LS01-1A66-PA-2000W STANDEX-LS01-1A66-PA-2000W Datasheet
220Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.04
LS01-1A66-PP-1000W STANDEX-LS01-1A66-PP-1000W Datasheet
215Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.06
LS01-1A66-PP-2000W STANDEX-LS01-1A66-PP-2000W Datasheet
221Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.09
LS01-1A85-PA-500W STANDEX-LS01-1A85-PA-500W Datasheet
213Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.02
LS01-1B66-PP-5000W STANDEX-LS01-1B66-PP-5000W Datasheet
219Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.07
LS02-1A66-PP-1000W STANDEX-LS02-1A66-PP-1000W Datasheet
125Kb / 1P
   LS02 Series Liquid Level Sensor
Rev.07
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com