データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU1206-E3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 BU1206-E3
部品情報  Bridge Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1206-E3 データシート(HTML) 2 Page - Vishay Siliconix

  BU1206-E3 Datasheet HTML 1Page - Vishay Siliconix BU1206-E3 Datasheet HTML 2Page - Vishay Siliconix BU1206-E3 Datasheet HTML 3Page - Vishay Siliconix BU1206-E3 Datasheet HTML 4Page - Vishay Siliconix BU1206-E3 Datasheet HTML 5Page - Vishay Siliconix BU1206-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BU1206-E3, BU1208-E3, BU1210-E3
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
2
Document Number: 84802
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise specified)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Forward Current Derating Curve
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage per diode (1)
IF = 6.0 A
TA = 25 °C
VF
0.98
1.05
V
TA = 125 °C
0.88
0.95
Maximum reverse current per diode
rated VR
TA = 25 °C
IR
-5.0
μA
TA = 125 °C
74
250
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
50
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU1206
BU1208
BU1210
UNIT
Typical thermal resistance
RJC (1)
2.7
°C/W
RJA (2)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BU1206-E3/45
4.66
45
20
Tube
BU1206-E3/51
4.66
51
250
Paper tray
BU12065S-E3/45
4.66
45
20
Tube
0
40
80
160
0
4
8
12
14
Case Temperature (°C)
20
60
100
With Heatsink
Sine-Wave, R-Load
T
C Measured at Device Bottom
T
C
TC
2
6
10
120
140
0
1
2
4
5
Ambient Temperature (°C)
0
50
25
75
100
125
150
3
Without Heatsink
Sine-Wave, R-Load
Free Air, T
A


同様の部品番号 - BU1206-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BU1206-M3 VISHAY-BU1206-M3 Datasheet
101Kb / 6P
   Bridge Rectifiers
Revison: 30-Sep-14
BU1206-M3/45 VISHAY-BU1206-M3/45 Datasheet
101Kb / 6P
   Bridge Rectifiers
Revison: 30-Sep-14
BU1206-M3/51 VISHAY-BU1206-M3/51 Datasheet
101Kb / 6P
   Bridge Rectifiers
Revison: 30-Sep-14
More results

同様の説明 - BU1206-E3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com