データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK12C68-CF45M データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 STK12C68-CF45M
部品情報  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-CF45M データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STK12C68-CF45M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 10Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 11Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 12Page - List of Unclassifed Manufacturers STK12C68-CF45M Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STK12C68
October 2003
11
Document Control # ML0008 rev 0.4
Figure 5: Icc (max) Reads
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 6: Icc (max) Writes
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS


同様の部品番号 - STK12C68-CF45M

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK12C68-CF45 SIMTEK-STK12C68-CF45 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF45I SIMTEK-STK12C68-CF45I Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF45ITR SIMTEK-STK12C68-CF45ITR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF45TR SIMTEK-STK12C68-CF45TR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
More results

同様の説明 - STK12C68-CF45M

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com