データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1267 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1267
部品情報  150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1267 データシート(HTML) 3 Page - National Semiconductor (TI)

  LM1267 Datasheet HTML 1Page - National Semiconductor (TI) LM1267 Datasheet HTML 2Page - National Semiconductor (TI) LM1267 Datasheet HTML 3Page - National Semiconductor (TI) LM1267 Datasheet HTML 4Page - National Semiconductor (TI) LM1267 Datasheet HTML 5Page - National Semiconductor (TI) LM1267 Datasheet HTML 6Page - National Semiconductor (TI) LM1267 Datasheet HTML 7Page - National Semiconductor (TI) LM1267 Datasheet HTML 8Page - National Semiconductor (TI) LM1267 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Active Video Signal Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Output = 2 VP-P.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
A
V Track
Gain Change between
Amplifiers
Tracking when Changing from
Test Setting 8 to Test Setting 5
(Note 11)
±0.5
dB
V
ABL TH
ABL Control Upper Limit
Test Setting 4, AC Input Signal
(Note 12)
5V
V
ABL Range
ABL Control Voltage Active
Range
Test Setting 4, AC Input Signal
(Note 12)
2V
∆A
ABL
ABL Control Range
Test Setting 4, AC Input Signal
(Note 12)
−8
dB
I
ABL Active
ABL Input Bias Current during
ABL
Test Setting 4, AC Input
Signal, V
ABL = 2V(Note 12)
010
µA
I
ABL Max
ABL Input Current Clamp Sink
Capability
Test Setting 4, AC Input Signal
(Note 12)
1mA
V
Clamp Max
Clamp Gate Low Input Voltage
Clamp Comparators Off
1.4
V
V
Clamp Min
Clamp Gate High Input Voltage
Clamp Comparators On
2.6
V
I
Clamp
Clamp Gate Input Current
V
23 = 0VtoVCC − 1V
−5
0.1
10
µA
t
PW Clamp
Back Porch Clamp Pulse Width
(Note 15)
200
ns
t
Clamp-Video
End of Clamp Pulse to Start of
Active Video
Limit is guaranteed by design
200
nsec
R
In-Video
Input Resistance
Test Setting (4)
20
M
I
In-Video
Input Bias Current
Test Setting (4)
0.1
10
µA
V
RefOut
V
Ref Output Voltage
10 k
Ω, 1% Resistor; Pin 10 to
GND
1.25
1.40
1.55
V
V
Spot
Spot Killer Voltage
V
CC Adjusted to Activate
3.6
4.0
4.25
V
OSD Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Signal Output = 2 VP-P, Test Set-
ting 8.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OSD-L
OSD Input Low Input
Operating Range
OSD Inputs are Selected
1.2
V
V
OSD-H
OSD Input High Input
Operating Range
OSD Inputs are Selected
2.5
V
I
OSD
OSD Input Current
V
OSD = 0VtoVCC − 1V
−5
0.1
10
µA
V
OSD-Sel-L
OSD Select Low Input
Operating Range
Video Inputs are Selected
1.2
V
V
OSD-Sel-H
OSD Select High Input
Operating Range
OSD Inputs are Selected
2.5
V
I
OSD-Sel
OSD Select Input Current
V
OSD-Sel = 0VtoVCC − 1V
−5
0.1
10
µA
∆V
O-OSD(Blk)
OSD
∆Black Level Output
Voltage, Difference from Video
Output
Register 08 = 18, Minimum
Video Black Level
±45
±150
mV
V
O-OSD(Blk)
Range of OSD Black Level
Output Voltage between the 3
Channels
Register 08 = 18, Minimum
Video Black Level
−100
0
+100
mV
V
OSD-out
OSD Output Voltage, Percent
of Maximum Video Out
Register 08 = 18, Minimum
Video Black Level
75
88
100
%
∆V
OSD-out
OSD Output V
P-P Attenuation
Register 08 = 08
58
63
68
%
V
OSD-out
(Track)
Output Variation between
Channels
Register 08 Changed from 18
to 08
±3.0
±5.0
%
www.national.com
3


同様の部品番号 - LM1267

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM126 NSC-LM126 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262NA NSC-LM1262NA Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP100MG-D LEIDITECH-LM1265HP100MG-D Datasheet
1Mb / 6P
   Carbonyl Powder
More results

同様の説明 - LM1267

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com